Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS431LBM1 Datasheet(PDF) 4 Page - Advanced Monolithic Systems Ltd

Part # AMS431LBM1
Description  1.2V SHUNT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS431LBM1 Datasheet(HTML) 4 Page - Advanced Monolithic Systems Ltd

  AMS431LBM1 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS431LBM1 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS431LBM1 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS431LBM1 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS431LBM1 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS431LBM1 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS431LBM1 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS
0.01
1
10
100
10
100
1000
100000
Reference Impedance vs. Frequency
0.1
1
FREQUENCY (kHz)
-1
-0.5
0
0.5
1
-300
200
-100
Cathode Current vs. Cathode Voltage
1.5
CATHODE VOLTAGE (V)
-200
300
0
T
A =25° C
V
R= VREF
100
-1.5
-1
0
0.5
1
-150
100
-50
Cathode Current vs. Cathode Voltage
1.5
CATHODE VOLTAGE (V)
-100
150
0
T
A =25° C
V
R= V REF
50
-0.5
-50
25
50
75 100 125
1.248
1.242
150
Reference Voltage vs.
Junction Temperature
JUNCTION TEMPERATURE (° C)
1.244
1.238
1.236
-25
0
I
Z= 100 mA
1.246
1.240
1.234
-50
25
50
75 100 125
150
100
150
Reference Input Current vs.
Junction Temperature
JUNCTION TEMPERATURE (° C)
125
75
-25
0
I
Z= 10 mA
50
-50
25
50
75 100 125
1.2
0.7
150
Ratio of Delta Reference Voltage to Delta
Cathode Voltage vs. Junction Temperature
JUNCTION TEMPERATURE (° C)
0.9
0.3
0.2
-25
0
I
Z= 10 mA
1.0
0.5
0.0
-50
25
50
75 100 125
250
150
150
Off State Cathode Current vs.
Junction Temperature
JUNCTION TEMPERATURE (° C)
50
-25
0
V
R= 16V
200
100
0
R
1= 10 kΩ
R
2= ∞
1.1
0.8
0.6
0.4
0.1
V
REF= 0V
V
Z= 6V
∆V
Z= 16V to V REF
-50
25
50
75 100 125
0.50
0.30
150
Reference Impedance vs.
Junction Temperature
JUNCTION TEMPERATURE (° C)
0.10
-25
0
I
Z = 0.1 to 100mA
0.40
0.20
0
V
Z= VREF
f< 1kHz
0.45
0.35
0.25
0.15
0.05
I
R= 60 µA
T
A =25° C
AMS431L
Advanced Monolithic Systems http://www.ams-semitech.com
4


Similar Part No. - AMS431LBM1

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431LBM1 ADMOS-AMS431LBM1 Datasheet
64Kb / 7P
   1.2V SHUNT REGULATOR
AMS431LBM1 ADMOS-AMS431LBM1 Datasheet
63Kb / 7P
   1.2V SHUNT REGULATOR
More results

Similar Description - AMS431LBM1

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431L ADMOS-AMS431L Datasheet
64Kb / 7P
   1.2V SHUNT REGULATOR
AMS431L ADMOS-AMS431L_05 Datasheet
63Kb / 7P
   1.2V SHUNT REGULATOR
logo
Global Mixed-mode Techn...
G912 GMT-G912 Datasheet
38Kb / 1P
   1.2V 1A Regulator
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com