Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3411 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LTC3411
Description  Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3411 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LTC3411 Datasheet HTML 3Page - Linear Integrated Systems LTC3411 Datasheet HTML 4Page - Linear Integrated Systems LTC3411 Datasheet HTML 5Page - Linear Integrated Systems LTC3411 Datasheet HTML 6Page - Linear Integrated Systems LTC3411 Datasheet HTML 7Page - Linear Integrated Systems LTC3411 Datasheet HTML 8Page - Linear Integrated Systems LTC3411 Datasheet HTML 9Page - Linear Integrated Systems LTC3411 Datasheet HTML 10Page - Linear Integrated Systems LTC3411 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC4065L/
LTC4065LX/LTC4065L-4.1
7
4065lfb
PIN FUNCTIONS
GND (Pin 1, Exposed Pad Pin 7): Ground. The Exposed
Pad must be soldered to the PCB ground to provide both
electrical contact and rated thermal performance.
CHRG (Pin 2): Open-Drain Charge Status Output. The
charge status indicator pin has three states: pull-down,
pulse at 2Hz and high impedance state. This output can
be used as a logic interface or as an LED driver. When the
battery is being charged, the CHRG pin is pulled low by
an internal N-channel MOSFET. When the charge current
drops to 10% of the full-scale current, the CHRG pin is
forced to a high impedance state. If the battery voltage
remains below 2.9V for one quarter of the charge time, the
battery is considered defective and the CHRG pin pulses
at a frequency of 2Hz.
BAT (Pin 3): Charge Current Output. Provides charge cur-
rent to the battery and regulates the final float voltage (4.2V
for LTC4065L/LTC4065LX and 4.1V for LTC4065L-4.1).
An internal precision resistor divider on this pin sets the
float voltage and is disconnected in shutdown mode.
VCC (Pin 4): Positive Input Supply Voltage. This pin pro-
vides power to the charger. VCC can range from 3.75V
to 5.5V. This pin should be bypassed with at least a 1μF
capacitor. When VCC is within 32mV of the BAT pin volt-
age, the LTC4065L enters shutdown mode, dropping IBAT
to about 1μA.
EN (Pin 5): Enable Input Pin. Pulling this pin above the
manual shutdown threshold (VMS is typically 0.82V) puts
the LTC4065L in shutdown mode. In shutdown mode, the
LTC4065L has less than 20μA supply current and less than
1μA battery drain current. Enable is the default state, but
the pin should be tied to GND if unused.
PROG (Pin 6): Charge Current Program and Charge Cur-
rent Monitor Pin. Connecting a 1% resistor, RPROG, to
ground programs the charge current. When charging in
constant-current mode, this pin servos to 1V. In all modes,
the voltage on this pin can be used to measure the charge
current using the following formula:
IBAT =
VPROG
RPROG
• 205
Floating the PROG pin sets the charge current to zero.


Similar Part No. - LTC3411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3411 LINER-LTC3411 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3411 LINER-LTC3411 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3411 LINER-LTC3411 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC3411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com