Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS24C16A Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS24C16A
Description  Two-wire Serial EEPROM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS24C16A Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS24C16A Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS24C16A Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS24C16A Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS24C16A Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS24C16A Datasheet HTML 5Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
IC
1
SMD Type
Integrate Circuit
■ Features
● Low-voltage and Standard-voltage Operation
-2.7 (VCC = 2.7V to 5.5V)
-1.8 (VCC = 1.8V to 5.5V)
● Two-wire Serial Interface
● Schmitt Trigger, Filtered Inputs for Noise Suppression
● Bidirectional Data Transfer Protocol
● 100 kHz (1.8V) and 400 kHz (2.7V, 5V) Compatibility
● Write Protect Pin for Hardware Data Protection
■ Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Temperature
-55 to +125
Storage Temperature
-65 to +150
Voltage on Any Pin with Respect to Ground
-1.0 to +7.0
V
Maximum Operating Voltage
6.25
V
DC Output Current
5
mA
■ Block Diagram
Two-wire Serial EEPROM
TSSOP-8
Unit: mm
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
AMS24C01A/02/04/08A/16A
1
AMS24CXX


Similar Part No. - AMS24C16A

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2026 ADMOS-AMS2026 Datasheet
51Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
AMS2026 ADMOS-AMS2026 Datasheet
53Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
AMS2026P ADMOS-AMS2026P Datasheet
51Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
AMS2026P ADMOS-AMS2026P Datasheet
53Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
AMS2026S ADMOS-AMS2026S Datasheet
51Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
More results

Similar Description - AMS24C16A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com