Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS73CAG01408RALJI9I Datasheet(PDF) 8 Page - Advanced Monolithic Systems Ltd

Part # AMS73CAG01408RALJI9I
Description  HIGH PERFORMANCE 1Gbit DDR3 SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS73CAG01408RALJI9I Datasheet(HTML) 8 Page - Advanced Monolithic Systems Ltd

Back Button AMS73CAG01408RALJI9I Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS73CAG01408RALJI9I Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS73CAG01408RALJI9I Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS73CAG01408RALJI9I Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS73CAG01408RALJI9I Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS73CAG01408RALJI9I Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS73CAG01408RALJI9I Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS73CAG01408RALJI9I Datasheet HTML 11Page - Advanced Monolithic Systems Ltd AMS73CAG01408RALJI9I Datasheet HTML 12Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
AMS73CAG01808RA Rev. 1.0 December 2010
Mode Register MR1
The Mode Register MR1 stores the data for enabling or disabling the DLL, output driver strength, RTT_Nom
impedance, additive latency, write leveling enable, TDQS enable and Qoff.
The Mode Register 1 is written by asserting low on CS, RAS, CAS, WE, high on BA0, low on BA1 and BA2,
while controlling the states of address pins according to the table below.
Mode Register 1
Address Field
BA
1
BA
0
A
11
A
10
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
0
AL
0*1
0*1
A13
1
Rtt_Nom
A0
DLL Enable
0
Enable
1
Disable
* 1 : BA2, A8, A10 and A13 are reserved for future use (RFU) and must be programmed to 0 during MRS.
BA
2
0*1
A
12
Note : RZQ = 240 ohms
A5
A1
Output Driver Impedance Control
00
RZQ/6
01
RZQ/7
10
RZQ/TBD
11
RZQ/TBD
D.I.C DLL
Note : RZQ = 240 ohms
*3: In Write leveling Mode (MR1[bit7] = 1)
with MR1[bit12] = 1, all RTT_Nom settings
are allowed; in Write Leveling Mode
(MR1[bit7] = 1) with MR1[bit12] = 0, only
RTT_Nom settings of RZQ/2, RZQ/4 and
RZQ/6 are allowed.
*4: If RTT_Nom is used during Writes,
only the values RZQ/2,RZQ/4 and RZQ/6
are allowed.
A9 A6 A2
Rtt_Nom *3
00
0
ODT disabled
00
1
RZQ/4
01
0
RZQ/2
01
1
RZQ/6
10
0
RZQ/12*4
10
1
RZQ/8*4
1
1
0
Reserved
1
1
1
Reserved
A7
Write leveling enable
0
Disabled
1
Enabled
A4
A3
Additive Latency
0
0
0 (AL disabled)
01
CL-1
10
CL-2
11
Reserved
*2: Outputs disabled - DQs, DQSs, DQSs.
A12
Qoff *2
0
Output buffer enabled
1
Output buffer disabled *2
Qoff
Level
TDQS
0*1
Rtt_Nom
D.I.C
A11
TDQS enable
0Disabled
1
Enabled
Rtt_Nom
BA1
BA0
MRS mode
00
MR0
01
MR1
10
MR2
11
MR3
AMS73CAG01808RA


Similar Part No. - AMS73CAG01408RALJI9I

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS73XX AMS-AMS73XX Datasheet
7Mb / 6P
   Low power consumption
More results

Similar Description - AMS73CAG01408RALJI9I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com