Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4062 Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LTC4062
Description  Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4062 Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LTC4062 Datasheet HTML 6Page - Linear Integrated Systems LTC4062 Datasheet HTML 7Page - Linear Integrated Systems LTC4062 Datasheet HTML 8Page - Linear Integrated Systems LTC4062 Datasheet HTML 9Page - Linear Integrated Systems LTC4062 Datasheet HTML 10Page - Linear Integrated Systems LTC4062 Datasheet HTML 11Page - Linear Integrated Systems LTC4062 Datasheet HTML 12Page - Linear Integrated Systems LTC4062 Datasheet HTML 13Page - Linear Integrated Systems LTC4062 Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC4065L/
LTC4065LX/LTC4065L-4.1
10
4065lfb
OPERATION
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input
voltage and keeps the charger in undervoltage lockout until
VCC rises above 3.6V and approximately 80mV above the
BAT pin voltage. The 3.6V UVLO circuit has a built-in hys-
teresis of approximately 0.6V and the automatic shutdown
threshold has a built-in hysteresis of approximately 50mV.
During undervoltage lockout conditions, maximum battery
drain current is 4μA and maximum supply current is 11μA.
Shutdown Mode
The LTC4065L can be disabled by pulling the EN pin
above the shutdown threshold (approximately 0.82V).
In shutdown mode, the battery drain current is reduced
to less than 1μA and the supply current to about 20μA.
Timer and Recharge
The LTC4065L has an internal termination timer that
starts when an input voltage greater than the undervolt-
age lockout threshold is applied to VCC, or when leaving
shutdown the battery voltage is less than the recharge
threshold.
At power-up or when exiting shutdown, if the battery volt-
age is less than the recharge threshold, the charge time is
set to 4.5 hours. If the battery voltage is greater than the
recharge threshold at power-up or when exiting shutdown,
the timer will not start and charging is prevented since the
battery is at or near full capacity.
Once the charge cycle terminates, the LTC4065L continu-
ously monitors the BAT pin voltage using a comparator
with a 2ms filter time. When the average battery voltage
falls 100mV below the float voltage (which corresponds
to 80% to 90% battery capacity), a new charge cycle is
initiated and a 2.25 hour timer begins. This ensures that
the battery is kept at, or near, a fully charged condition and
eliminates the need for periodic charge cycle initiations.
The CHRG output assumes a strong pull-down state during
recharge cycles until C/10 is reached when it transitions
to a high impendance state.
Trickle Charge and Defective Battery Detection
At the beginning of a charge cycle, if the battery voltage
is low (below 2.9V), the charger goes into trickle charge,
reducing the charge current to 10% of the full-scale cur-
rent (Note: The LTC4065LX has full charge current at
low-battery voltage). If the low-battery voltage persists
for one quarter of the total time (1.125 hour), the battery
is assumed to be defective, the charge cycle is terminated
and the CHRG pin output pulses at a frequency of 2Hz with
a 75% duty cycle. If for any reason the battery voltage
rises above 2.9V, the charge cycle will be restarted. To
restart the charge cycle (i.e., when the defective battery
is replaced with a discharged battery), simply remove the
input voltage and reapply it or temporarily pull the EN pin
above the shutdown threshold.
CHRG Status Output Pin
The charge status indicator pin has three states: pull-
down, pulse at 2Hz (see Trickle Charge and Defective
Battery Detection) and high impedance. The pull-down
state indicates that the LTC4065L is in a charge cycle. A
high impedance state indicates that the charge current
has dropped below 10% of the full-scale current or the
LTC4065L is disabled. Figure 2 shows the CHRG status
under various conditions.


Similar Part No. - LTC4062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062 LINER-LTC4062 Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
LTC4062 LINER-LTC4062 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4062 LINER-LTC4062 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4062EDD LINER-LTC4062EDD Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
LTC4062 LINER-LTC4062_15 Datasheet
184Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
More results

Similar Description - LTC4062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com