Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4061-4.4 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC4061-4.4
Description  Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4061-4.4 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC4061-4.4 Datasheet HTML 1Page - Linear Integrated Systems LTC4061-4.4 Datasheet HTML 2Page - Linear Integrated Systems LTC4061-4.4 Datasheet HTML 3Page - Linear Integrated Systems LTC4061-4.4 Datasheet HTML 4Page - Linear Integrated Systems LTC4061-4.4 Datasheet HTML 5Page - Linear Integrated Systems LTC4061-4.4 Datasheet HTML 6Page - Linear Integrated Systems LTC4061-4.4 Datasheet HTML 7Page - Linear Integrated Systems LTC4061-4.4 Datasheet HTML 8Page - Linear Integrated Systems LTC4061-4.4 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC4065L/
LTC4065LX/LTC4065L-4.1
5
4065lfb
TYPICAL PERFORMANCE CHARACTERISTICS
Battery Regulation (Float) Voltage
vs Battery Charge Current
Battery Regulation (Float) Voltage
vs Temperature
Battery Regulation (Float) Voltage
vs Supply Voltage
Charge Current vs Supply Voltage
(Constant Current Mode)
Charge Current vs Battery Voltage
Charge Current vs Temperature
with Thermal Regulation
(Constant Current Mode)
PROG Pin Voltage vs Temperature
(Constant Current Mode)
PROG Pin Voltage
vs Charge Current
Power FET On Resistance
vs Temperature
IBAT (mA)
0
4.12
4.14
4.16
150
250
4065L G01
4.10
4.08
4.06
50
100
200
4.18
4.22
4.20
4.24
VCC = 5V
TA = 25°C
RPROG = 800Ω
LTC4065L
LTC4065L-4.1
TEMPERATURE (°C)
–50
4.22
25
4065L G02
4.14
4.10
–25
0
50
4.08
4.06
4.24
4.20
4.18
4.16
4.12
75
100
LTC4065L
LTC4065L-4.1
SUPPLY VOLTAGE (V)
4
4.16
4.18
4.20
6
4065L G03
4.12
4.14
4.10
4.06
4.5
5
5.5
4.08
4.24
4.22
TA = 25°C
IBAT = 2mA
RPROG = 800Ω
LTC4065L
LTC4065L-4.1
SUPPLY VOLTAGE (V)
4
0
5
10
20
25
30
15
4.5
5
5.5
6
4065L G04
RPROG = 13.3k
VBAT = 3.8V
TA = 25°C
VBAT (V)
0
0
50
100
150
200
250
300
123
4
4065L G05
5
VCC = 5V
TA = 25°C
RPROG = 800Ω
LTC4065L-4.1
LTC4065L
TEMPERATURE (°C)
–50
0
50
100
150
200
050
100
150
4065L G06
250
300
THERMAL CONTROL
LOOP IN OPERATION
VCC = 5V
VBAT = 3.8V
RPROG = 800Ω
TEMPERATURE (°C)
–50
1.01
1.02
25
75
4065L G07
1.00
–25
0
50
100
0.99
0.98
VCC = 5V
VBAT = 3.8V
RPROG = 13.3k
IBAT (mA)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
50
100
150
200
4065L G08
250
VCC = 5V
TA = 25°C
RPROG = 800Ω
TEMPERATURE (°C)
–50
1.0
1.2
1.4
1.6
1.8
2.0
–25
025
50
4065L G09
75
100
VCC = 4V
IBAT = 150mA


Similar Part No. - LTC4061-4.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4061-4.4 LINER-LTC4061-4.4_15 Datasheet
406Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
More results

Similar Description - LTC4061-4.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com