Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS2N7002 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS2N7002
Description  N-CHANNEL ENHANCEMENT MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2N7002 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS2N7002 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS2N7002 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS2N7002 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS2N7002 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2N7002 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2N7002 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C unless otherwise noted.)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage (RGS ≤1MΩ)
VDGR
60
V
Continuous
±20
Gate Source Voltage
Non Repetitive(tp<50
μs)
VGSS
±40
V
Continuous
300
Drain Current
Pulsed
ID
800
mA
Power Dissipation
Derated Above 25
°C
PD
200
1.6
mW
mW/
°C
Junction Temperature
TJ
+ 150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
625
°C/W
ELECTRICAL CHARACTERISTICS
(TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=10μA
60
V
Drain-Source Leakage Current
IDSS
VDS=60V, VGS =0V
1
μA
IGSSF
VGS =20V, VDS=0V
100
nA
Gate-Source Leakage Current
IGSSR
VGS =-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
(Note)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID=250μA
1
2.1
2.5
V
VGS = 10V, ID=500mA
0.6
3.75
Drain-Source On-Voltage
VDS (ON)
VGS = 5.0V, ID=50mA
0.09
1.5
V
On-State Drain Current
ID(ON)
VGS=10V,VDS≥2VDS(ON)
500
2700
mA
VGS =10V, ID=500mA
1.2
3.5
Static Drain-Source On-Resistance
RDS (ON)
VGS =5.0V, ID=50mA
1.7
7.5
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V,VGS=0V,f=1.0MHz
20
50
pF
Output Capacitance
COSS
11
25
pF
Reverse Transfer Capacitance
CRSS
4
5
pF
Turn-On Time
tON
VDD=30V, RL=150Ω
ID=200mA, VGS =10V
RGEN =25Ω
20
nS
Turn-Off Time
tOFF
VDD=30V, RL=25Ω
ID=200mA, VGS=10V
RGEN =25Ω
20
nS
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, Is=115mA (Note )
0.88
1.5
V
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
0.8
A
Maximum Continuous Drain-Source
Diode Forward Current
Is
115
mA
Note: Pulse Test: Pulse Width≤300μs, Duty Cycle≤2.0%
AMS 2N7002
2
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS2N7002

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - AMS2N7002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com