Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4057 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LTC4057
Description  Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4057 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LTC4057 Datasheet HTML 7Page - Linear Integrated Systems LTC4057 Datasheet HTML 8Page - Linear Integrated Systems LTC4057 Datasheet HTML 9Page - Linear Integrated Systems LTC4057 Datasheet HTML 10Page - Linear Integrated Systems LTC4057 Datasheet HTML 11Page - Linear Integrated Systems LTC4057 Datasheet HTML 12Page - Linear Integrated Systems LTC4057 Datasheet HTML 13Page - Linear Integrated Systems LTC4057 Datasheet HTML 14Page - Linear Integrated Systems LTC4057 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC4065L/
LTC4065LX/LTC4065L-4.1
11
4065lfb
OPERATION
Charge Current Soft-Start and Soft-Stop
The LTC4065L includes a soft-start circuit to minimize
the inrush current at the start of a charge cycle. When a
charge cycle is initiated, the charge current ramps from
zero to the full-scale current over a period of approximately
170μs. Likewise, internal circuitry slowly ramps the charge
current from full-scale to zero when the charger is shut off
or self terminates. This has the effect of minimizing the
transient current load on the power supply during start-up
and charge termination.
Constant-Current/Constant-Voltage/
Constant-Temperature
The LTC4065L use a unique architecture to charge a bat-
tery in a constant-current, constant-voltage and constant-
temperature fashion. Figure 1 shows a simplified block
diagram of the LTC4065L. Three of the amplifier feedback
loops shown control the constant-current, CA, constant-
voltage, VA, and constant-temperature, TA modes. A fourth
amplifier feedback loop, MA, is used to increase the output
impedance of the current source pair; M1 and M2 (note that
M1 is the internal P-channel power MOSFET). It ensures
that the drain current of M1 is exactly 205 times greater
than the drain current of M2.
Amplifiers CA and VA are used in separate feedback loops
to force the charger into constant-current or constant-
voltage mode, respectively. Diodes D1 and D2 provide
priority to either the constant-current or constant-voltage
loop, whichever is trying to reduce the charge current
the most. The output of the other amplifier saturates low
which effectively removes its loop from the system. When
in constant-current mode, CA servos the voltage at the
PROG pin to be precisely 1V. VA servos its inverting input
to an internal reference voltage when in constant-voltage
mode and the internal resistor divider, made up of R1 and
R2, ensures that the battery voltage is maintained at 4.2V
for LTC4065L/LTC4065LX or 4.1V for LTC4065L-4.1. The
PROG pin voltage gives an indication of the charge current
during constant-voltage mode as discussed in “Program-
ming Charge Current”.
The transconductance amplifier, TA, limits the die tempera-
ture to approximately 115°C when in constant-temperature
mode. Diode D3 ensures that TA does not affect the charge
current when the die temperature is below approximately
115°C. The PROG pin voltage continues to give an indica-
tion of the charge current.
In typical operation, the charge cycle begins in constant-
current mode with the current delivered to the battery equal
to 205V/RPROG. If the power dissipation of the LTC4065L
results in the junction temperature approaching 115°C,
the amplifier (TA) will begin decreasing the charge current
to limit the die temperature to approximately 115°C. As
the battery voltage rises, the LTC4065L either returns to
constant-current mode or enters constant-voltage mode
straight from constant-temperature mode. Regardless of
mode, the voltage at the PROG pin is proportional to the
current delivered to the battery.


Similar Part No. - LTC4057

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4057 LINER-LTC4057 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4057 LINER-LTC4057 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4057-4.2 LINER-LTC4057-4.2 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4057

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com