Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4054 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC4054
Description  Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4054 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC4054 Datasheet HTML 1Page - Linear Integrated Systems LTC4054 Datasheet HTML 2Page - Linear Integrated Systems LTC4054 Datasheet HTML 3Page - Linear Integrated Systems LTC4054 Datasheet HTML 4Page - Linear Integrated Systems LTC4054 Datasheet HTML 5Page - Linear Integrated Systems LTC4054 Datasheet HTML 6Page - Linear Integrated Systems LTC4054 Datasheet HTML 7Page - Linear Integrated Systems LTC4054 Datasheet HTML 8Page - Linear Integrated Systems LTC4054 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC4065L/
LTC4065LX/LTC4065L-4.1
2
4065lfb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC
t < 1ms and Duty Cycle < 1% ..................– 0.3V to 7V
Steady State............................................. –0.3V to 6V
BAT, CHRG ................................................... –0.3V to 6V
EN, PROG.........................................–0.3V to VCC + 0.3V
BAT Short-Circuit Duration............................ Continuous
BAT Pin Current ...................................................275mA
PROG Pin Current .............................................1.342mA
Junction Temperature (Note 6) ............................. 125°C
Operating Temperature Range (Note 2)....– 40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
TOP VIEW
7
DC PACKAGE
6-LEAD (2mm
× 2mm) PLASTIC DFN
4
5
6
3
2
1
GND
CHRG
BAT
PROG
EN
VCC
TJMAX = 125°C, θJA = 60°C/W (NOTE 3)
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4065LEDC#PBF
LTC4065LEDC#TRPBF
LCBD
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LTC4065LXEDC#PBF
LTC4065LXEDC#TRPBF
LCKS
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LTC4065LEDC-4.1#PBF
LTC4065LEDC-4.1#TRPBF
LGGN
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LTC4065 Options
PART NUMBER
FLOAT VOLTAGE
CHARGE CURRENT RANGE
PIN 5 IS EN OR ACPR?
TRICKLE CHARGE?
LTC4065
4.2V
40mA TO 750mA
EN
YES
LTC4065A
4.2V
40mA TO 750mA
ACPR
YES
LTC4065-4.4
4.4V
40mA TO 750mA
EN
YES
LTC4065L
4.2V
8mA TO 250mA
EN
YES
LTC4065LX
4.2V
8mA TO 250mA
EN
NO
LTC4065L-4.1
4.1V
8mA TO 250mA
EN
YES


Similar Part No. - LTC4054

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054 LINER-LTC4054 Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054 LINER-LTC4054 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4054 LINER-LTC4054 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4054 LINER-LTC4054 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4054-4.2 LINER-LTC4054-4.2 Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4054

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com