Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4065L Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LTC4065L
Description  Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4065L Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LTC4065L_12 Datasheet HTML 2Page - Linear Integrated Systems LTC4065L_12 Datasheet HTML 3Page - Linear Integrated Systems LTC4065L_12 Datasheet HTML 4Page - Linear Integrated Systems LTC4065L_12 Datasheet HTML 5Page - Linear Integrated Systems LTC4065L_12 Datasheet HTML 6Page - Linear Integrated Systems LTC4065L_12 Datasheet HTML 7Page - Linear Integrated Systems LTC4065L_12 Datasheet HTML 8Page - Linear Integrated Systems LTC4065L_12 Datasheet HTML 9Page - Linear Integrated Systems LTC4065L_12 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC4065L/
LTC4065LX/LTC4065L-4.1
6
4065lfb
TYPICAL PERFORMANCE CHARACTERISTICS
CHRG Pin Output Low Voltage
vs Temperature
Manual Shutdown Threshold
Voltage vs Temperature
Manual Shutdown Supply Current
vs Temperature
EN Pin Current
Trickle Charge Current vs Supply
Voltage (4065L and 4065L-4.1)
Trickle Charge Current vs
Temperature (4065L and 4065L-4.1)
Undervoltage Lockout Threshold
Voltage vs Temperature
Timer Accuracy vs Temperature
Timer Accuracy vs Supply Voltage
TEMPERATURE (°C)
–50
2.50
2.75
3.00
3.25
3.50
4.00
–25
025
RISE
FALL
50
4065L G10
75
100
3.75
TEMPERATURE (°C)
–50
–25
0.5
0.7
1.0
0
50
75
4065L G11
0.6
0.9
0.8
25
100
FALL
RISE
TEMPERATURE (°C)
–50
0
10
20
30
40
–25
0
25
50
4065L G12
75
100
VCC = 5V
VEN = 5V
VEN (V)
2
1.5
2.0
2.5
3.5
4.5
4065L G13
1.0
0.5
0
2.5
3
4
3.0
3.5
4.0
5
VCC = 5V
TA = 25°C
SUPPLY VOLTAGE (V)
4
0
5
10
15
20
25
30
4.5
5
5.5
6
4065L G14
VBAT = 2V
TA = 25°C
RPROG = 800Ω
RPROG = 13.3k
TEMPERATURE (°C)
–50
20
25
30
25
75
4065L G15
15
10
–25
0
50
100
5
0
VCC = 5V
VBAT = 2V
RPROG = 800Ω
RPROG = 13.3k
TEMPERATURE (°C)
–50
80
100
140
25
75
4065L G16
60
40
–25
0
50
100
20
0
120
VCC = 5V
ICHRG = 5mA
TEMPERATURE (°C)
–50
–4
–3
–2
25
75
4065L G18
–5
–6
–7
–25
0
50
–1
0
1
100
VCC = 5V
SUPPLY VOLTAGE (V)
4
0
1.0
6
4065L G19
–1.0
–2.0
4.5
5
5.5
2.0
–0.5
0.5
–1.5
1.5
TA = 25°C


Similar Part No. - LTC4065L_12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
More results

Similar Description - LTC4065L_12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com