Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0750.0142 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 0750.0142
Description  FUSEHOLDERS / SICHERUNGSHALTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0750.0142 Datasheet(HTML) 5 Page - Schurter Inc.

  0750.0142 Datasheet HTML 1Page - Schurter Inc. 0750.0142 Datasheet HTML 2Page - Schurter Inc. 0750.0142 Datasheet HTML 3Page - Schurter Inc. 0750.0142 Datasheet HTML 4Page - Schurter Inc. 0750.0142 Datasheet HTML 5Page - Schurter Inc. 0750.0142 Datasheet HTML 6Page - Schurter Inc. 0750.0142 Datasheet HTML 7Page - Schurter Inc. 0750.0142 Datasheet HTML 8Page - Schurter Inc. 0750.0142 Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
SCHURTER AG Switzerland,
¤ (+)++41-41 369 31 11 Fax (+)++41-41 369 34 03 E-mail: contact@schurter.ch Internet: http.//www.schurter.ch 141
FUSEHOLDERS / SICHERUNGSHALTER
The derating curves demonstrate the admissible power acceptance
of a fuseholder depending on the ambient air temperature TA1 for
the following fuseholder operating currents: I << In, I = 0,7 · In and
I = 1,0 · In. This power acceptance corresponds to the max. admis-
sible power dissipation of a fuse-link.
The corresponding values for other operating currents can be inter-
polated between the existing curves or calculated as follows:
P
h = Po – Pc = Po - (Rc · I
2
)
Ph = admissible power acceptance in watt of the fuseholder, depen-
ding on TA1
Po = admissible power acceptance in watt of a fuseholder at I << In,
depending on TA1. The values can be taken from the derating
curve I << In of the corresponding fuseholder.
Pc = power dissipation in watt in the fuseholder contacts at the
operating current in ampere.
I
= operating current in ampere of the fuseholder.
Rc = contact resistance in ohm between the fuseholder terminals
according to SCHURTER’s catalogue.
3.
Selection of a suitable fuseholder with respect to the
power acceptance at the corresponding ambient air
temperature.
Summary
The adherence to the limits, indicatd by SCHURTER, in particular the
power acceptance limits at the corresponding ambient air tempera-
tures and mounting conditions of the fuseholder, is important for the
safety of the product. It is therefore necessary to observe the following
two steps:
Step 1
Selection of the fuseholder based on the power acceptance
Ph at operating current I and maximum ambient
air temperature TA1.
P
f ≤ Ph = Po – Pc = Po – (Rc · I
2
)
Pf = rated power dissipation in watt of the fuse-link, calculated from
(In . ∆U), whereas:
In
= rated current in ampere of the fuse-link
∆U = voltage drop in volt at I
n; values according to SCHURTER’s
catalogue.
Ph, Po, Pc, Rc = see pos. 2.5
Step 2
The reduction of the power acceptance of the fuseholder (from step
1) based on the different conditions at the mounting place etc. have
to be determined by the design engineer responsible.
Examples:
ambient air temperature is considerably higher inside of an
equipment than outside (TA2 > TA1)
cross-section of the conductor, unfavourable heat dissipation
heat influence of adjacent components
Therefore, temperature measurements on the appliance under
normal and faulty conditions are absolutely necessary.
4.
Example
4.1 What’s given?
Fuse-link FSF 0034.1523, rated current In = 5 A.
Voltage drop
∆U at I
n = 80 mV, typ.
Rated power dissipation Pf = (In · ∆U) = (5 A · 0,08 V) = 0,4 W.
Fuseholder FEF 0031.1081, rated current In = 10 A
Rated power acceptance at TA1 23 °C = 3,2 W.
Ambient air temperature = 50 ºC.
Admissible power acceptance Ph at an ambient air temperature
TA1 50 °C according to the derating curve:
Ph at
I << In
= 2,5 W
I = 0,7 · In = 7 A
= 2,2 W
I = 1,0 · In = 10 A = 2 W
Contact resistance Rc = 5 m Ω
Für die Betriebsströme I << In, I = 0,7· In und I = 1 · In zeigen die
Derating-Kurven die zul. Leistungsaufnahme des G-Sicherungshalters
in Abhängigkeit der Umgebungstemperatur TU1. Diese Leistungs-
aufnahme entspricht der max. zul. Verlustleistung eines G-Siche-
rungseinsatzes.
Für andere Betriebsströme können die entsprechenden Werte
zwischen den Kurven interpoliert oder wie folgt berechnet werden:
P
h = Po – Pc = Po - (Rc · I
2
)
Ph = Zulässige Leistungsaufnahme in Watt des G-Sicherungshalters,
abhängig von TU1.
Po = Zulässige Leistungsaufnahme in Watt eines G-Sicherungshal-
ters bei I << In, abhängig von TU1. Die Werte können der Dera-
ting-Kurve für I << In des entsprechenden G-Sicherungshalters
entnommen werden.
Pc = Verlustleisung in Watt in den G-Sicherungshalter-Kontakten
beim Betriebsstrom I.
I
= Betriebsstrom in Ampère des G-Sicherungshalters.
Rc = Durchgangswiderstand in Ohm zwischen den Anschlüssen des
G-Sicherungshalters gemäss SCHURTER Katalog.
3.
Auswahl des richtigen G-Sicherungshalters in bezug auf die
zulässige Leistungsaufnahme bei der entsprechenden Um-
gebungs-Temperatur.
Zusammenfassung
Die Einhaltung der von SCHURTER angegebenen Grenzwerte, insbe-
sondere der Leistungsaufnahme bei den entsprechenden Umgebungs-
temperaturen und Einbauverhältnissen ist für die Produktesicherheit
von grosser Bedeutung. Es ist daher notwendig folgende zwei Schrit-
te zu beachten.
Schritt 1
Auswählen des G-Sicherungshalters aufgrund der zulässigen
Leistungsaufnahme Ph bei Betriebsstrom I und der maximalen
Umgebungstemperatur TU1.
P
f ≤ Ph = Po – Pc = Po – (Rc · I
2
)
Pf = Nenn-Verlustleistung in Watt des G-Sicherungseinsatzes, be-
rechnet aus (In · ∆U), wobei:
In
= Nennstrom des Sicherungseinsatzes in Ampère
∆U = Spannungsfall in Volt bei I
n; Werte gemäss SCHURTER Katalog
Ph, Po, Pc, Rc = siehe Pos. 2.5
Schritt 2
Die Reduktion der zulässigen Leistungsaufnahme des G-Sicherungs-
halters (aus Schritt 1) aufgrund von verschiedenartigen Verhältnissen
am Einbauort usw. muss vom verantwortlichen Entwicklungsingenieur
festgelegt werden.
Beispiele:
Wesentlich höhere Umgebungstemperaturen innerhalb eines
Gerätes als ausserhalb (TU2 > TU1)
Querschnitte der Leiter, ungünstige Wärmeableitung
Wärmeentwickung benachbarter Bauteile
Daher sind in den meisten Fällen Temperaturmessungen am
Gerät unter Normal- und Fehlerbedingungen notwendig.
4.
Beispiel
4.1 Was ist gegeben?
G-Sicherungseinsatz FSF 0034.1523, Nennstrom In = 5 A.
Spannungsfall
∆U bei I
n = 80 mV, typ
Nenn-Verlustleistung Pf = (In · ∆U) = (5A · 0,08 V) = 0,4 W
G-Sicherungshalter FEF 0031.1081, Nennstrom In = 10 A
Nenn-Leistungsaufnahme bei TU1 23 °C = 3,2 W.
Umgebungstemperatur = 50 ºC.
Zulässige Leistungsaufnahme Ph bei einer Umgebungs-
temperatur TU1 50 °C gemäss Derating Kurve:
Ph bei
I << In
= 2,5 W
I = 0,7 · In = 7 A
= 2,2 W
I = 1,0 · In = 10A = 2 W
Durchgangswiderstand Rc = 5 m Ω


Similar Part No. - 0750.0142

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0750017 PHOENIX-0750017 Datasheet
151Kb / 8P
   Panel feed-through terminal block - DFK-2,8/FSI(2-2,8-0,8)
logo
List of Unclassifed Man...
07501 ETC2-07501 Datasheet
76Kb / 1P
   SOLE GROUNDER
07502 ETC2-07502 Datasheet
76Kb / 1P
   SOLE GROUNDER
07503 ETC2-07503 Datasheet
76Kb / 1P
   SOLE GROUNDER
logo
Molex Electronics Ltd.
0750885000 MOLEX9-0750885000 Datasheet
116Kb / 3P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Polarizing Pin Module
More results

Similar Description - 0750.0142

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
   FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
   Fuseholders
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
   Fuseholders
logo
Elektron Components Ltd...
FX0430 BULGIN-FX0430 Datasheet
1Mb / 18P
   FUSEHOLDERS
logo
Littelfuse
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
   FUSEHOLDERS
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
   Fuseholders
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
   Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
   Fuseholders
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com