Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A111T2PDV30Q0Q Datasheet(PDF) 2 Page - Tyco Electronics

Part # A111T2PDV30Q0Q
Description  Toggle Switches, A Series, Part Number Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A111T2PDV30Q0Q Datasheet(HTML) 2 Page - Tyco Electronics

  A111T2PDV30Q0Q Datasheet HTML 1Page - Tyco Electronics A111T2PDV30Q0Q Datasheet HTML 2Page - Tyco Electronics A111T2PDV30Q0Q Datasheet HTML 3Page - Tyco Electronics A111T2PDV30Q0Q Datasheet HTML 4Page - Tyco Electronics A111T2PDV30Q0Q Datasheet HTML 5Page - Tyco Electronics A111T2PDV30Q0Q Datasheet HTML 6Page - Tyco Electronics A111T2PDV30Q0Q Datasheet HTML 7Page - Tyco Electronics A111T2PDV30Q0Q Datasheet HTML 8Page - Tyco Electronics A111T2PDV30Q0Q Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
C23
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Options
FUNCTIONS
The following functions available in SP or DP.
Dimension “L”
Bushing
.410 (10.41)
“Y”, “H”, “CW”
.480 (12.19)
“D”, ”D9”
TOGGLES
S
Standard
T
Large Toggle/
Bushing
M
T1
Large
Toggle/
Bushing
Dimension “L”
Bushing Type
.200 (5.08)
“Y”, “H”, “CW”
.270 (6.86)
“D”, “D9”
P3
P4
T2P
Flatted
K1
Locking
K
Locking
Actuator
Dimension
“A”
“B”
P3
.450 (11.43)
.200 (5.08)
P4
.250 (6.35)
.165 (4.19)
No bushing option needed for “T” or T1”.
No bushing option needed for “K” or K1” “K” locking levers are used to prevent accidental switching and
must be lifted up prior to actuation. Standard nickel finish.
.115
(2.92)
Dia.
"L"
Short
.105
(2.67)
Dia.
"L"
"A"
.100
(2.54)
"B"
Pinned for
anti-rotation
.650
(16.51)
Unlocked
.315
(8.0) Ref
.214
(5.44) Dia.
.050
(1.27)
.580
(14.73)
Locked
1/4-40NS
.680
(17.27)
Unlocked
.315
(8.0) Ref
.214
(5.44) Dia.
.050
(1.27)
.610
(15.49)
Locked
1/4-40NS
Flatted
Available only with
“Y” bushing. Pinned
for anti-rotation.
Use N-3-AG dress nut
for enhancement.
Pg. C54
WIRING DIAGRAM
FOR FUNCTIONS
11
13 15
Pos. 3
Pos. 2
Pos. 1
Ref. Slot
6
5
4
3
2
1
OUT 1
OUT 2
JUMPER
IN
OUT 3
SINGLE POLE 3 POSITION
*
Ref.
Slot
POS. 1
1
4
2 (IN)
5
6 (OUT)
3
Ref.
Slot
POS. 2
1
4 (OUT)
2 (IN)
5
6
3
Ref.
Slot
POS. 3
1 (OUT)
4
2 (IN)
5
6
3
01
2 Positions
None indicates no mechanical position
On
None
On
03
3 Positions
Off indicates a mechanical position with no electrical connection.
On
Off
On
05
3 Positions
(On) indicates momentary action.
(On)
Off
(On)
07
3 Positions
(On)
Off
On
08
2 Positions
(On)
None
On
SPDT, connect terminals:
1—2
2—3
DPDT, connect terminals:
1—2
2—3
4—5
5—6
11
3 Positions
On
On
On
13
3 Positions
(On)
On
On
15
3 Positions
(On)
On
(On)
Functions available in DP case only
Connect terminals:
1—2
2—3
2—3
4—5
4—5
5—6
.610
(15.49)
.140
(3.56)
.448
(11.38)
15/32-32 NS
.020
(.508)
.242
(6.15)
.687
(17.45)
.448
(11.38)
.020
(.508)
.240
(6.10) Dia.
15/32-32NS
.460
(11.68)
.448
(11.38)
.020
(.508)
.240
(6.10) Dia.
15/32-32NS
* SP3T functions achieved with external jumper installed by customer


Similar Part No. - A111T2PDV30Q0Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A111 ETC1-A111 Datasheet
259Kb / 2P
   Thermo Scientific Orion Star
logo
Acconeer AB
A111 ACCOONEER-A111 Datasheet
1Mb / 35P
   Pulsed Coherent Radar (PCR)
v2.8 / 2022-06-22
A111-001-R ACCOONEER-A111-001-R Datasheet
1Mb / 35P
   Pulsed Coherent Radar (PCR)
v2.8 / 2022-06-22
A111-001-T ACCOONEER-A111-001-T Datasheet
1Mb / 35P
   Pulsed Coherent Radar (PCR)
v2.8 / 2022-06-22
A111-001-TY ACCOONEER-A111-001-TY Datasheet
1Mb / 35P
   Pulsed Coherent Radar (PCR)
v2.8 / 2022-06-22
More results

Similar Description - A111T2PDV30Q0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437554-9 MACOM-2-1437554-9 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com