Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM89503BC-N Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM89503BC-N
Description  CMOS 300mA LDO Voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM89503BC-N Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM89503BC-N Datasheet HTML 1Page - ELM Technology Corporation ELM89503BC-N Datasheet HTML 2Page - ELM Technology Corporation ELM89503BC-N Datasheet HTML 3Page - ELM Technology Corporation ELM89503BC-N Datasheet HTML 4Page - ELM Technology Corporation ELM89503BC-N Datasheet HTML 5Page - ELM Technology Corporation ELM89503BC-N Datasheet HTML 6Page - ELM Technology Corporation ELM89503BC-N Datasheet HTML 7Page - ELM Technology Corporation ELM89503BC-N Datasheet HTML 8Page - ELM Technology Corporation ELM89503BC-N Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
ELM89xxxBC CMOS 300mA LDO Voltage regulator
ELM89xxxBC is CMOS LDO voltage regulator. There are 3 types of CE selection for ELM89 series: non-chip
enable function, “L”active and “H”active. Thermal shutdown protective function and short circuit current limiter
are included in the IC. The standard output voltages are 1.2V, 1.8.V, 2.5V, 3.0V, 3.3V, 5.0V; ELM89 series can
also be designed as semi-custom IC within the range of 0.8V to 5.0V by 0.1V step.
ELM89xxxBC-x
Symbol
a, b
Output voltage
e.g. :
12: Vout=1.2V
18: Vout=1.8V
25: Vout=2.5V
30: Vout=3.0V
33: Vout=3.3V
50: Vout=5.0V
c
CE selection
1: No CE
2: CE=“L”active
3: CE=“H”active
d
Package
B: SOT-23, SOT-25
e
Product version
C
f
Taping direction
S, N: Refer to PKG file
ELM89 x x x B C - x
↑ ↑ ↑ ↑ ↑ ↑
a b c d e f
■General description
■Features
■Application
• Battery operated devices
• Wireless devices
• Cell phones
• Battery-operated devices
• PCs
■Maximum absolute ratings
■Selection guide
• Output voltage range
• Output current
• Stand by current consumption
• Input stability
• Load stability
• Accuracy of output voltage
• Input-output voltage difference
• Short circuit current limiter
• Thermal shutdown protection
• Chip enable pin
• Package
Parameter
Symbol
Limit
Unit
Input voltage
Vin
Vss-0.3 to 7.0
V
CE/CE Input voltage
Vce
Vss-0.3 to Vin+0.3
V
Output voltage
Vout
Vss-0.3 to Vin+0.3
V
Output current
Iout
600
mA
Power dissipation
Pd
250 (SOT-23)
mW
250 (SOT-25)
Operationg Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C
: 0.8V to 5.0V (by 0.1V)
: 300mA
: Typ.0.1μA
: Typ.0.02%/V(Iout=40mA)
: Typ.5mV(1mA≤Iout≤100mA)
: ±2.0%(Vout>1.5V)
±30mV(Vout≤1.5V)
: Typ.350mV(Vout=3.0V, Iout=300mA)
: Typ.40mA(Vout=0V)
: Typ.165°C
: “L”active(ELM89xx2BC)
“H”active(ELM89xx3BC)
: SOT-23, SOT-25
20 -


Similar Part No. - ELM89503BC-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89503BC-N ELM-TECH-ELM89503BC-N Datasheet
190Kb / 21P
   MOS 300mA LDO Voltage regulator
More results

Similar Description - ELM89503BC-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com