Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM91503AA-N Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM91503AA-N
Description  CMOS PFM Step-up DC/DC converter and controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM91503AA-N Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM91503AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM91503AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM91503AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM91503AA-N Datasheet HTML 4Page - ELM Technology Corporation ELM91503AA-N Datasheet HTML 5Page - ELM Technology Corporation ELM91503AA-N Datasheet HTML 6Page - ELM Technology Corporation ELM91503AA-N Datasheet HTML 7Page - ELM Technology Corporation ELM91503AA-N Datasheet HTML 8Page - ELM Technology Corporation ELM91503AA-N Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
ELM91xxxxA CMOS PFM Step-up DC/DC converter and controller
■General description
Parameter
Symbol
Limit
Unit
Apply voltage to LX pin
Vlx
Vss-0.3 to 7.0
V
Apply voltage to VOUT pin
Vout
Vss-0.3 to 7.0
V
Output current of LX pin
Ilx
500
mA
Output current of EXT pin
Iext
20
mA
Power dissipation
Pd
500 (SOT-89)
mW
250 (SOT-23)
150 (SC-70)
Operationg temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
• Output voltage range : 1.8V to 5.5V (by 0.1V)
• Low voltage operation : 0.9V(ELM91xx1xA: Iout=1mA)
• Oscillating frequency : Typ.100kHz
• Low power operation : Typ.40µW(ELM91301xA: Typ.100kHz)
• High efficiency
: 85%(ELM9130xxA: Vin=1.5V, Iout=10mA)
• Output current(e.g.)
: 100mA(Vin=1.5V, Vout=3.0V)
• Package
: SOT-89, SOT-23, SC-70(SOT-323)
• Constant voltage source for battery-
operated devices
• Portable communication equipments
and video recorders
ELM91xxxxA-x
Symbol
a, b
Output voltage
e.g. :
18: Vout=1.8V 30: Vout=3.0V
33: Vout=3.3V 50: Vout=5.0V
c
Switching transistor 1: Internal switch
3: External switch
d
Package
A: SOT-89
B: SOT-23
C: SC-70(SOT-323)
e
Product version
A
f
Taping direction
S , N: Refer to PKG file
ELM91 x x x x A - x
↑ ↑ ↑ ↑ ↑ ↑
a b c d e f
■Features
■Maximum absolute ratings
■Selection guide
■Application
22 -
ELM91xx1xA is CMOS PFM control step-up DC-DC converter; ELM91xx3xA is CMOS PFM control step-
up DC-DC controller, which has large output current capacity by using an external FET switch. ELM91 series
consists of reference voltage source, error amplifier, oscillation circuit, start-up circuit, PFM-control circuit,
switching current limit circuit (ELM91xx1xA only), switching transistor (ELM91xx1xA only) and output
voltage setting resistor. For external parts, coil, diode, MOSFET and capacitor are possible choices. The
standard output voltages are 1.8V,3.0V,3.3V,5.0V; ELM91 series can also be designed as semi-custom IC within
the range of 1.8V to 5.5V by 0.1V step.


Similar Part No. - ELM91503AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM915BA ELM-TECH-ELM915BA Datasheet
635Kb / 6P
   54V 1A switching LED driver
logo
ELM Electronics
ELM915BA ELM-ELM915BA Datasheet
669Kb / 6P
   50V 1A switching LED driver
logo
ELM Technology Corporat...
ELM915BA-S ELM-TECH-ELM915BA-S Datasheet
635Kb / 6P
   54V 1A switching LED driver
ELM915BA ELM-TECH-ELM915BA_17 Datasheet
1Mb / 5P
   50V 1A switching LED driver
More results

Similar Description - ELM91503AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM91 ELM-ELM91 Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
ELM94-SERIES ELM-TECH-ELM94-SERIES Datasheet
678Kb / 6P
   CMOS PFM step-up DC/DC converter
ELM9427B-S ELM-TECH-ELM9427B-S Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com