Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM89123BC-N Datasheet(PDF) 11 Page - ELM Technology Corporation

Part # ELM89123BC-N
Description  CMOS 300mA LDO Voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM89123BC-N Datasheet(HTML) 11 Page - ELM Technology Corporation

Back Button ELM89123BC-N Datasheet HTML 7Page - ELM Technology Corporation ELM89123BC-N Datasheet HTML 8Page - ELM Technology Corporation ELM89123BC-N Datasheet HTML 9Page - ELM Technology Corporation ELM89123BC-N Datasheet HTML 10Page - ELM Technology Corporation ELM89123BC-N Datasheet HTML 11Page - ELM Technology Corporation ELM89123BC-N Datasheet HTML 12Page - ELM Technology Corporation ELM89123BC-N Datasheet HTML 13Page - ELM Technology Corporation ELM89123BC-N Datasheet HTML 14Page - ELM Technology Corporation ELM89123BC-N Datasheet HTML 15Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
• 1.8V Vout unit (ELM8918xBC)
0
1
2
3
4
5
6
0.8
1
1.2
1.4
1.6
1.8
Vin(V)
Iout=1mA
Iout=40mA
Iout=100mA
Vout-Vin
Top=25℃
2 2.5 3 3.5 4 4.5 5 5.5 6
1.76
1.77
1.78
1.79
1.8
1.81
1.82
Vin(V)
Iout=1mA
Iout=40mA
Iout=100mA
Vout-Vin
Top=25℃
0
200
400
600
0
0.5
1
1.5
2
Iout(mA)
Vin=2.3V
Vin=2.8V
Vin=3.8V
Vin=5.0V
Vout-Iout
Top=25℃
0 30 60 90 120 150 180 210 240 270 300
0
50
100
150
200
250
300
350
400
450
500
550
Iout(mA)
Vdiff-Iout
Top=25℃
2
3
4
5
6
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Vin(V)
Vceh-Vin
Top=25℃
2
3
4
5
6
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Vin(V)
Vcel-Vin
Top=25℃
ELM89xxxBC CMOS 300mA LDO Voltage regulator
20 -


Similar Part No. - ELM89123BC-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89123BC-N ELM-TECH-ELM89123BC-N Datasheet
190Kb / 21P
   MOS 300mA LDO Voltage regulator
More results

Similar Description - ELM89123BC-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com