Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM91331CA-S Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM91331CA-S
Description  CMOS PFM Step-up DC/DC converter and controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM91331CA-S Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM91331CA-S Datasheet HTML 1Page - ELM Technology Corporation ELM91331CA-S Datasheet HTML 2Page - ELM Technology Corporation ELM91331CA-S Datasheet HTML 3Page - ELM Technology Corporation ELM91331CA-S Datasheet HTML 4Page - ELM Technology Corporation ELM91331CA-S Datasheet HTML 5Page - ELM Technology Corporation ELM91331CA-S Datasheet HTML 6Page - ELM Technology Corporation ELM91331CA-S Datasheet HTML 7Page - ELM Technology Corporation ELM91331CA-S Datasheet HTML 8Page - ELM Technology Corporation ELM91331CA-S Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Parameter
Symbol
Condition
Min.
Typ.
Max. Unit
Output voltage
Vout Iout=1mA, Vin=3V
4.875 5.000 5.125
V
Input voltage
Vin
0.9
6.0
V
Starting voltage
Vst Iout=1mA
0.9
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption 1
Iss1 Vout=Vout(T)×0.95
20
45
μA
Current consumption 2
Iss2 Vout=Vout(T)+0.5V
2
5
μA
On-resistance of LX switch
Ron Vout=Vout(T)×0.95
0.7
1.5
Ω
Leakage current of LX pin
Ilxl Vout=Vlx=6V
1
μA
Oscillating frequency
Fosc Vout=Vout(T)×0.95
80
100
120
kHz
Voltage limit of LX pin
(LX switch ON)
Vlxlim Vout=Vout(T)×0.95
0.5
0.7
0.9
V
Duty ratio
Duty Vout=Vout(T)×0.95
67
75
83
%
L=100μH, Cin=Cout=47μF, D=MA2Z748, Vss=0V, Top=25°C
ELM91501xA
* Vout: Input voltage to out pin;
Vout(T): Typ. value of Vout.
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Output voltage
Vout Iout=1mA, Vin=1.5V
1.755 1.800 1.845
V
Input voltage
Vin
0.9
6.0
V
Starting voltage
Vst Iout=1mA
1.1
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption 1
Iss1 Vout=Vout(T)×0.95, EXT: No-Load
10
25
μA
Current consumption 2
Iss2 Vout=Vout(T)+0.5V
2
5
μA
On-resistance of EXT “High”
Rexth Vout=Vout(T)×0.95, Vext=Vout-0.4V
90
170
Ω
On-resistance of EXT “Low”
Rextl Vout=Vout(T)×0.95, Vext=0.4V
70
120
Ω
Oscillating frequency
Fosc Vout=Vout(T)×0.95
80
100
120
kHz
Duty ratio
Duty Vout=Vout(T)×0.95
67
75
83
%
FET=ELM37400FA, L=33μH, Cin=Cout=100μF, D=MA735, Vss=0V, Top=25°C
ELM91183xA
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Output voltage
Vout Iout=1mA, Vin=1.5V
2.925 3.000 3.075
V
Input voltage
Vin
0.9
6.0
V
Starting voltage
Vst Iout=1mA
1.1
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption 1
Iss1 Vout=Vout(T)×0.95, EXT: No-Load
14
35
μA
Current consumption 2
Iss2 Vout=Vout(T)+0.5V
2
5
μA
On-resistance of EXT “High”
Rexth Vout=Vout(T)×0.95, Vext=Vout-0.4V
50
86
Ω
On-resistance of EXT “Low"
Rextl Vout=Vout(T)×0.95, Vext=0.4V
36
60
Ω
Oscillating frequency
Fosc Vout=Vout(T)×0.95
80
100
120
kHz
Duty ratio
Duty Vout=Vout(T)×0.95
67
75
83
%
FET=ELM37400FA, L=33μH, Cin=Cout=100μF, D=MA735, Vss=0V, Top=25°C
ELM91303xA
* Vout: Input voltage to out pin;
Vout(T): Typ. value of Vout.
* Vout: Input voltage to out pin;
Vout(T): Typ. value of Vout.
■Electrical characteristics (ELM91xx3xA)
22 -
ELM91xxxxA CMOS PFM Step-up DC/DC converter and controller


Similar Part No. - ELM91331CA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM91 ELM-ELM91 Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
ELM915BA ELM-TECH-ELM915BA Datasheet
635Kb / 6P
   54V 1A switching LED driver
logo
ELM Electronics
ELM915BA ELM-ELM915BA Datasheet
669Kb / 6P
   50V 1A switching LED driver
More results

Similar Description - ELM91331CA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM91 ELM-ELM91 Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
ELM94-SERIES ELM-TECH-ELM94-SERIES Datasheet
678Kb / 6P
   CMOS PFM step-up DC/DC converter
ELM9427B-S ELM-TECH-ELM9427B-S Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com