Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0015-80-1123 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0015-80-1123
Description  2.54mm Pitch C-Grid짰 Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015-80-1123 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0015-80-1123 Datasheet HTML 1Page - Molex Electronics Ltd. 0015-80-1123 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.54mm Pitch C-Grid® Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 12 Circuits, 0.38µm Gold,
(Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
Part Number: 15-80-1123
Series image - Reference only
Status:
Contact Molex
Series:
70567
Category:
PCB Headers
Overview:
C-Grid® / SL™ Products
Old Part Number:
705670480
Mates With Part(s):
70013
Interim Clip
Product Environmental Compliance
EU RoHS
: ELV and RoHS Compliant
China RoHS
:
REACH SVHC
:
Low-Halogen Status
: Not Reviewed
Status
Contact Molex
Category
PCB Headers
Series
70567
Application
Signal, Wire-to-Board
Overview
C-Grid® / SL™ Products
Product Name
C-Grid®
Breakaway
No
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.30mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
2.36mm
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
0.381µm
Plating min - Termination
1.905µm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
Open Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
(Please review the Product Specification for specific details.)
Part Detail
General
Physical
Page 1 of 2
Molex Connector Part Number - 15-80-1123
4/16/2012
http://www.molex.com/molex/products/datasheet.jsp?part=active/0015801123_PCB_HEA...


Similar Part No. - 0015-80-1123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015-80-1143 MOLEX1-0015-80-1143 Datasheet
32Kb / 2P
   2.54mm Pitch C-Grid짰 Header
0015-80-1163 MOLEX1-0015-80-1163 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid짰 Header
0015-80-1181 MOLEX2-0015-80-1181 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 6 Circuits, Tin (Sn) Plating
More results

Similar Description - 0015-80-1123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015801143 MOLEX1-0015801143 Datasheet
32Kb / 2P
   2.54mm Pitch C-Grid짰 Header
0015801163 MOLEX1-0015801163 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid짰 Header
0015801324 MOLEX1-0015801324 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid짰 Header
0907092601 MOLEX11-0907092601 Datasheet
149Kb / 3P
   2.54mm (.100") Pitch, C-Grid짰 Header
0702871175 MOLEX8-0702871175 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header
0702871092 MOLEX8-0702871092 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header
0702471454 MOLEX8-0702471454 Datasheet
176Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Header
0702871119 MOLEX8-0702871119 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header
0713085460 MOLEX8-0713085460 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid짰 Header
0702871009 MOLEX8-0702871009 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com