Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM89181BC-S Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM89181BC-S
Description  CMOS 300mA LDO Voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM89181BC-S Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM89181BC-S Datasheet HTML 1Page - ELM Technology Corporation ELM89181BC-S Datasheet HTML 2Page - ELM Technology Corporation ELM89181BC-S Datasheet HTML 3Page - ELM Technology Corporation ELM89181BC-S Datasheet HTML 4Page - ELM Technology Corporation ELM89181BC-S Datasheet HTML 5Page - ELM Technology Corporation ELM89181BC-S Datasheet HTML 6Page - ELM Technology Corporation ELM89181BC-S Datasheet HTML 7Page - ELM Technology Corporation ELM89181BC-S Datasheet HTML 8Page - ELM Technology Corporation ELM89181BC-S Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
■Pin configuration
ELM89xxxBC CMOS 300mA LDO Voltage regulator
Pin No. Pin name
1
VIN
2
VOUT
3
VSS
ELM89xx1BC
ELM89xx2BC
Pin No. Pin name
1
VIN
2
VSS
3
CE
4
NC
5
VOUT
ELM89xx3BC
Pin No. Pin name
1
VIN
2
VSS
3
CE
4
NC
5
VOUT
SOT-23(TOP VIEW)
SOT-25(TOP VIEW)
SOT-25(TOP VIEW)
20 -
��
��
����������
���
����
���
���
����
��
����������
����������
��
���
����
���
����
�����
���������������
���
ELM89xx1BC
ELM89xx2BC: CE, ELM89xx3BC: CE
■Standard circuit
* Ci=1μF, Co=1μF or greater
* Ci=1μF, Co=1μF or greater
����
���
����
�������
�������
���
�������
�������
����
����
���
���
�������
�������
�����
ELM89xx1BC
■Block diagram
ELM89xx2BC: CE, ELM89xx3BC: CE


Similar Part No. - ELM89181BC-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89181BC-S ELM-TECH-ELM89181BC-S Datasheet
190Kb / 21P
   MOS 300mA LDO Voltage regulator
More results

Similar Description - ELM89181BC-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com