Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM34802AA-N Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM34802AA-N
Description  Dual N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM34802AA-N Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM34802AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM34802AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM34802AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM34802AA-N Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
■Typical electrical and thermal characteristics
3
May-10-2006
Dual N-Channel Enhancement Mode
Field Effect Transistor
P6803HVG
SOP-8
Lead-Free
NIKO-SEM
10
8
6
4
2
0
0
1
2
3
4
VGS= 10V
6.0V
4.5V
4.0V
3.5V
3.0V
On-Region Characteristics.
VDS, Drain-Source Voltage(V)
0.275
0.225
0.125
0.175
0.075
0.025
2
4
6
8
10
VGS, Gate to Source Voltage(V)
On-Resistance Variation with Gate-to-Source Voltage.
TA= 125°C
TA= 25°C
ID=3A
0
2
4
6
8
10
6
5
4
3
2
1
VGS, Gate to Source Voltage(V)
VDS= 5V
TA= -55°C
125°C
25°C
Transfer Characteristics.
10
1
0.1
0.01
0.001
0.0001
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, Body Diode Forword Voltage(V)
VGS= 0V
TA= 125°C
25°C
-55°C
Body Diode Forword Voltage Variation with
Source Current and Temperature.
0.8
1.2
1
1.6
1.4
0.6
-50
-25
0
25
50
75
100
125
150
TJ, Junction Temperature(°C)
VGS= 10V
On-Resistance Variation with Temperature.
ID= 4.5A
2
1.8
1.6
1.4
1.2
1
0.8
0
2
4
6
8
10
VGS= 4.0V
4.5V
5.0V
6.0V
7.0V
10V
ID, Drain Current(A)
On-Resistance Variation with
Drain Current and Gate Voltage.
ELM34802AA-N
4 -
Dual N-channel MOSFET


Similar Part No. - ELM34802AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM34802AA-N ELM-ELM34802AA-N Datasheet
790Kb / 4P
   Dual N-channel MOSFET
More results

Similar Description - ELM34802AA-N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com