Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPLPL85 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SPLPL85
Description  Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPLPL85 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SPLPL85 Datasheet HTML 1Page - Siemens Semiconductor Group SPLPL85 Datasheet HTML 2Page - Siemens Semiconductor Group SPLPL85 Datasheet HTML 3Page - Siemens Semiconductor Group SPLPL85 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPL PLxx
(SFH 4884xx)
Semiconductor Group
3
Optical Characteristics (T
A = 25 °C)
Radiant Power P
cw vs. IF
Permissible pulse handling capability;
I
F vs. t; Parameter D (duty cycle)
Max. forward current vs pulse
length I
F
vs.
τ; parameter D
duty cycle is under evaluation
Farfield Distribution
Parallel to Junction I
rel vs. θ
||
Farfield Distribution
Parallel to Junction I
rel vs. θ
||


Similar Part No. - SPLPL85

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
   Pulsed Laser Diode in Plastic Package 10 W Peak Power
More results

Similar Description - SPLPL85

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
   Pulsed Laser Diode in Plastic Package 10 W Peak Power
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
   Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLPL90 OSRAM-SPLPL90_15 Datasheet
201Kb / 6P
   Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPL-PL90 OSRAM-SPL-PL90 Datasheet
201Kb / 6P
   Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPLPL90_3 OSRAM-SPLPL90_3_15 Datasheet
202Kb / 6P
   Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
   Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
   Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90 Datasheet
237Kb / 6P
   Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
SPLAH90 OSRAM-SPLAH90_3 Datasheet
277Kb / 8P
   Nanostack Pulsed Laser Diode Array 75 W Peak Power
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com