Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPLCG81 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SPLCG81
Description  Laser Diode on Submount 1.0 W cw Class 4 Laser Product
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPLCG81 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SPLCG81 Datasheet HTML 1Page - Siemens Semiconductor Group SPLCG81 Datasheet HTML 2Page - Siemens Semiconductor Group SPLCG81 Datasheet HTML 3Page - Siemens Semiconductor Group SPLCG81 Datasheet HTML 4Page - Siemens Semiconductor Group SPLCG81 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPL CGxx
(SFH 4804x2)
Semiconductor Group
5
09.96
Package Outlines
(Dimensions in mm, unless specified).


Similar Part No. - SPLCG81

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
   Laser Diode in offener Bauform 2.0 W cw (C-Mount)
More results

Similar Description - SPLCG81

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL-CG65 OSRAM-SPL-CG65 Datasheet
184Kb / 7P
   Red Laser Diode on Submount 0.5 W cw
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
   Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
Siemens Semiconductor G...
SPLPLXX SIEMENS-SPLPLXX Datasheet
78Kb / 4P
   Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
logo
Bookham, Inc.
SES9-940-01 BOOKHAM-SES9-940-01 Datasheet
627Kb / 4P
   9W 940nm High Power Single Emitter Laser Diode on Submount
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
logo
OSRAM GmbH
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com