Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM67J518FN7 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MCM67J518FN7
Description  32K x 18 Bit BurstRAM Synchronous Fast Static RA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67J518FN7 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MCM67J518FN7 Datasheet HTML 4Page - Motorola, Inc MCM67J518FN7 Datasheet HTML 5Page - Motorola, Inc MCM67J518FN7 Datasheet HTML 6Page - Motorola, Inc MCM67J518FN7 Datasheet HTML 7Page - Motorola, Inc MCM67J518FN7 Datasheet HTML 8Page - Motorola, Inc MCM67J518FN7 Datasheet HTML 9Page - Motorola, Inc MCM67J518FN7 Datasheet HTML 10Page - Motorola, Inc MCM67J518FN7 Datasheet HTML 11Page - Motorola, Inc MCM67J518FN7 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MCM67J518
11
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
FN PACKAGE
52–LEAD PLCC
CASE 778–02
A
B
C
E
F
G
H
J
K
R
U
V
W
X
Y
Z
G1
K1
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
19.94
19.94
4.20
2.29
0.33
0.66
0.51
0.64
19.05
19.05
1.07
1.07
1.07
2
°
18.04
1.02
20.19
20.19
4.57
2.79
0.48
0.81
19.20
19.20
1.21
1.21
1.42
0.50
10
°
18.54
0.785
0.785
0.165
0.090
0.013
0.026
0.020
0.025
0.750
0.750
0.042
0.042
0.042
2
°
0.710
0.040
0.795
0.795
0.180
0.110
0.019
0.032
0.756
0.756
0.048
0.048
0.056
0.020
10
°
0.730
1.27 BSC
0.050 BSC
NOTES:
1. DUE TO SPACE LIMITATION, CASE 778-02 SHALL BE
REPRESENTED BY A GENERAL (SMALLER) CASE
OUTLINE DRAWING RATHER THAN SHOWING ALL 52
LEADS.
2. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF
LEAD SHOULDER EXITS PLASTIC BODY AT MOLD
PARTING LINE.
3. DIM G1, TRUE POSITION TO BE MEASURED AT DATUM -T-,
SEATING PLANE.
4. DIM R AND U DO NOT INCLUDE MOLD FLASH.
ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE.
5. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M,
1982.
6. CONTROLLING DIMENSION: INCH.
7. THE PACKAGE TOP MAY BE SMALLER THAN THE
PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS
R AND U ARE DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD
FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE
TOP AND BOTTOM OF THE PLASTIC BODY.
8. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION
TO BE GREATER THAN 0.037 (0.940). THE DAMBAR
INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO
BE SMALLER THAN 0.025 (0.635).
G1
VIEW S
-N-
-M-
-L-
C
E
J
G
Z
A
R
D
W
D
1
V
Y BRK
52
LEADS
ACTUAL
(NOTE 1)
52
B
U
Z
VIEW D-D
H
K1
K
VIEW S
F
G1
X
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.010 (0.250)
T L –M S
N S
S
0.010 (0.250)
T L –M S
N S
S
0.004 (0.100)
SEATING
PLANE
-T-
(NOTE 1)
52


Similar Part No. - MCM67J518FN7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67J618B MOTOROLA-MCM67J618B Datasheet
203Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618BFN5 MOTOROLA-MCM67J618BFN5 Datasheet
203Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618BFN7 MOTOROLA-MCM67J618BFN7 Datasheet
203Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM67J518FN7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com