Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU23N05 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SPU23N05
Description  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPU23N05 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SPU23N05 Datasheet HTML 1Page - Siemens Semiconductor Group SPU23N05 Datasheet HTML 2Page - Siemens Semiconductor Group SPU23N05 Datasheet HTML 3Page - Siemens Semiconductor Group SPU23N05 Datasheet HTML 4Page - Siemens Semiconductor Group SPU23N05 Datasheet HTML 5Page - Siemens Semiconductor Group SPU23N05 Datasheet HTML 6Page - Siemens Semiconductor Group SPU23N05 Datasheet HTML 7Page - Siemens Semiconductor Group SPU23N05 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
29/Jan/1998
SPD23N05
SPU23N05
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
• dv/dt rated
• 175°C operating temperature
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
SPD23N05
55 V
22 A
0.06
P-TO252
Q67040 - S4138 - A2
SPU23N05
55 V
22 A
0.06
P-TO251
Q67040 - S4131 - A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
16
22
A
Pulsed drain current
TC = 25 °C
IDpuls
88
Avalanche energy, single pulse
ID = 22 A, VDD = 25 V, RGS = 25
L
= 372 µH, Tj = 25 °C
EAS
90
mJ
Avalanche current,limited by Tjmax
IAR
22
A
Avalanche energy,periodic limited by Tjmax
EAR
5.5
mJ
Reverse diode dv/dt
IS = 22 A, VDS = 40 V, diF/dt = 200 A/µs
Tjmax = 175 °C
dv/dt
6
kV/µs
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 °C
Ptot
55
W


Similar Part No. - SPU23N05

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPU23N05 VBSEMI-SPU23N05 Datasheet
964Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SPU23N05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com