Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM611DA-N Datasheet(PDF) 6 Page - ELM Technology Corporation

Part # ELM611DA-N
Description  high efficiency synchronous PWM step down DC/DC converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM611DA-N Datasheet(HTML) 6 Page - ELM Technology Corporation

Back Button ELM611DA-N Datasheet HTML 2Page - ELM Technology Corporation ELM611DA-N Datasheet HTML 3Page - ELM Technology Corporation ELM611DA-N Datasheet HTML 4Page - ELM Technology Corporation ELM611DA-N Datasheet HTML 5Page - ELM Technology Corporation ELM611DA-N Datasheet HTML 6Page - ELM Technology Corporation ELM611DA-N Datasheet HTML 7Page - ELM Technology Corporation ELM611DA-N Datasheet HTML 8Page - ELM Technology Corporation ELM611DA-N Datasheet HTML 9Page - ELM Technology Corporation ELM611DA-N Datasheet HTML 10Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Rev.1.2
11 -
necessary since the input switching current is absorbed by input capacitor (Cin). RMS of input current can be
calculated by following formula:
Icin = Iload × [ (Vout/Vin) × (1 − Vout/Vin) ]1/2
In worst case, when Vin = 2Vout, Icin = Iload/2. It is necessary to select capacitors which tolerate RMS ripple
current that is half of maximum load current. For input capacitors, ELM recommends using electrolytic, tan-
talum or ceramic ones. When using electrolytic or tantalum capacitors, please connect the 0.1μF one which is
high quality with high frequency to the IC as close as possible. When using ceramic capacitors, it is necessary
to provide sufficient capacity to prevent ripple voltage of input . Input voltage ripple for low ESR capacitors can
be calculated by following formula:
ΔVin = [ Iload/(Cin × fs) ] × (Vout/Vin) × (1 − Vout/Vin)
Cin=input capacitance value.
6. Capacitor
Capacitors are used to ensure output voltage of DC; ELM recommends using ceramic, tantalum, or low ESR
electrolytic ones. To keep output voltage ripple low, low ESR capacitors are preferable. Output voltage ripple
can be calculated by following formula:
ΔVout = [ Vout/(fs × L) ] × (1 − Vout/Vin) × [ Resr + 1 / (8 × fs × Cout) ]
Cout=output capacitance value; Resr=equivalent series resistance (ESR) value of the output capacitor.
When using ceramic capacitors, please select by the high frequency impedance capacitance of switching fre-
quency; output voltage ripple is mainly determined by capacitance. Output voltage ripple can be calculated by
following formula:
ΔVout = [ Vout/(8 × fs2 × L × Cout) ] × (1 − Vout/Vin)
When using tantalum or electrolytic capacitors, please select by ESR, which is mainly determined by imped-
ance of switching frequency. Output ripple can be calculated by following formula:
ΔVout = [ Vout/(fs × L) ] × (1 − Vout/Vin) × Resr
Stability of DC/DC converter would be effected by capacitance of output capacitor. ELM611DA is designed to
provide wide range of capacitance and stable operation of ESR.
7. Compensation components
ELM611DA realizes simple compensation and fast transient response by adopting current mode control;
COMP, which is output of internal transconductance error amplifier, controls system stability and transient re-
sponse. A capacitor and a resistor in series connection sets a pole-zero combination for compensation. DC gain
of voltage feedback loop can be calculated by following formula:
Avdc = Rload × Gcs × Aea × Vfb/Vout
Aea=error amplifier voltage gain; Gcs=current sense transconductance; Rload=load resistor value
The control loop has two important poles; one is the product of compensation capacitor (C1) and output resis-
tor of error amplifier, and the other one is the product of output capacitor and load resistor.
These poles are located at:
fp1 = Gea / (2π × C1 × Aea), fp2 = 1 / (2π × Cout × Rload)
Gea=error amplifier transconductance
Control system is produced by compensation capacitor (C1) and compensation resistor (R3), and has one zero.
This zero is located at:
fz1 = 1 / (2π × C1 × R3)
ELM611DA 2A 23V
high efficiency synchronous PWM step down DC/DC converter


Similar Part No. - ELM611DA-N

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM611 EVERLIGHT-ELM611 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELM611(TA)-V EVERLIGHT-ELM611(TA)-V Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
ELM611(TB)-V EVERLIGHT-ELM611(TB)-V Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
More results

Similar Description - ELM611DA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com