Part Name
         Description
ELM611DA

 high efficiency synchronous PWM step down DC/DC converter ( 11 Page)


ELM-TECH
100% 
Zoom Out Zoom In
 
 8 page
background image
8
Rev.1.2
9. PCB layout guide
To stabilize the operation, PCB layout is very important. Please take the following guidelines as reference.
1) Keep the path of switching current as short as possible; minimize the loop area which is connected to input
capacitor, high-side and low-side MOSFETs.
2) Bypass ceramic capacitors are recommended to be connected as close to VIN as possible.
3) Please connect all feedback loop wire in the shortest way. Locate feedback resistors and compensation
components as close to the chip as possible.
4) Locate wire of SW away from sensitive analog areas such as FB.
5) To cool down the operation temperature of the chip and gain higher long-term reliability, please connect
VIN, SW, and especially GND respectively to a large copper area.
11 -
For external BS diode, ELM recommends IN4148; BS capacitors between 0.1 to 1μF are preferable.
To improve efficiency when Vin is ≤ 6V, it is possible to add an external Schottky diode between IN and BS.
SW
BS
GND
VIN
ELM611DA
Schottky
(B0520LW)
5V to 6V
Vout
* Add a Schottky diode to improve efficiency when Vin is ≤ 6V.
SOP-8
■Marking
ELM
611DA
abc
ELM611DA 2A 23V
high efficiency synchronous PWM step down DC/DC converter
Mark
Content
ELM611DA
Product name
abc
Assembly lot No.:
000 to 999 repeated



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl