Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM600LA Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM600LA
Description  ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM600LA Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM600LA Datasheet HTML 1Page - ELM Technology Corporation ELM600LA Datasheet HTML 2Page - ELM Technology Corporation ELM600LA Datasheet HTML 3Page - ELM Technology Corporation ELM600LA Datasheet HTML 4Page - ELM Technology Corporation ELM600LA Datasheet HTML 5Page - ELM Technology Corporation ELM600LA Datasheet HTML 6Page - ELM Technology Corporation ELM600LA Datasheet HTML 7Page - ELM Technology Corporation ELM600LA Datasheet HTML 8Page - ELM Technology Corporation ELM600LA Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Rev.1.1
Vout=1.2V/1.8V
L=2.2µH
Cout=22µF
VIN
5
4
1
3
2
FB
SW
EN
GND
ELM60012LA
ELM60018LA
Vin
Cin=10µF
Enable
* Passive components without specified values in the above figure are optional.
• Fixed output voltage
■Electrical characteristics(Adjustable output voltage)
Parameter
Symbol
Test condition
Min.
Typ.
Max. Unit
Supply voltage
Vin
2.5
6.0
V
Output voltage
Vout
Adjustable
0.6
6.0
V
Feedback current
Ifb
-30.0
30.0
nA
Regulated feedback voltage
Vfb
-40°C ≤ Top ≤ +85°C
0.582 0.600 0.618
V
Reference voltage line regulation ∆Vfb/∆Vin Vin=2.5V to 6V
0.04
0.40
%/V
Output voltage line regulation
∆Vout/∆Vin Vin=2.5V to 6V
0.04
0.40
%/V
Output voltage load regulation
Vlr
0.5
%
Shutdown current
Is
Ven=0V, Vin=6V
0.01
1.00
µA
Quiescent current
Iq
Ven=Vin, Vfb=0.65V
No switching
200
µA
SW leakage current
Ileak
Ven=0V, Vfb=0.65V
Vsw=0V or 6V
-1
1
µA
PMOSFET on resistance
RdsonP Isw=100mA
0.35
Ω
NMOSFET on resistance
RdsonN Isw=-100mA
0.24
Ω
PMOSFET current limit
IPcl
Duty cycle=100%
Current pulse width<1ms
0.8
1.1
1.5
A
Oscillator frequency
Fosc
1.12
1.40
1.68 MHz
Thermal shutdown threshold
Tsd
145
°C
EN high level input voltage
Venh
-40°C ≤ Top ≤ +85°C
1.1
V
EN low level input voltage
Venl
-40°C ≤ Top ≤ +85°C
0.3
V
EN input current
Ien
Ven=0V to Vin
-1
1
µA
Vin=3.6V, Typical values are at Top=25°C, unless otherwise noted.
ELM600LA 800mA 1.4MHz
high efficiency synchronous PWM step down DC/DC converter
10 -


Similar Part No. - ELM600LA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
More results

Similar Description - ELM600LA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
   1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3204 POWER-LP3204 Datasheet
761Kb / 11P
   1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com