Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM185BB-S Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM185BB-S
Description  ELM185xB Laser Diode Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM185BB-S Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM185BB-S Datasheet HTML 1Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 2Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 3Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 4Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 5Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 6Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 7Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 8Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ELM185xB Laser Diode Driver
■Marking
SOT-26
Symbol
Mark
Content
a, b, c
2NW
Series : 185
Package : SOT-26
d
0 to 9 and
A to Z ( I, O, X excepted)
Assembly lot No.
VSON6-2x2
a b c
1 8 5
Symbol
Mark
Content
185
185
185 series
a, b, c
0 to 9 and
A to Z ( I, O, X excepted)
Assembly lot No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Operation voltage
VCC
2.0
6.5
V
Current consumption
ICC
VCC=3.6V
1
3
mA
AMDreference voltage
Vamd
VCC=3.6V
0.285
0.300
0.315
V
Vamd temperature
characteristics
ΔVamd
ΔTop
VCC=3.6V
±200
ppm/°C
KLD current
IDkld
VCC=2.7V, Vkld=1.0V
400
mA
KLD leak current
ILkld
VCC=5.5V
1.0
μA
ILM current limit voltage
Vilm
VCC=3.6V
0.13
0.15
0.17
V
Max. external clock frequency
Fext
VCC=3.6V
20
kHz
AMD input current
Iamd
VCC=5.5V, Vamd=1.0V
-0.5
0.5
μA
Zener diode avalanche voltage
ZDBV
6.8
8.0
V
■Electrical characteristics
10 -
a b c d


Similar Part No. - ELM185BB-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM185BB ELM-TECH-ELM185BB Datasheet
140Kb / 10P
   Lase Diode Driver
More results

Similar Description - ELM185BB-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM185XB ELM-TECH-ELM185XB Datasheet
794Kb / 10P
   ELM185xB Laser Diode Driver
Rev.1.1
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com