Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55A0833-10 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 55A0833-10
Description  THREE CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

55A0833-10 Datasheet(HTML) 1 Page - Tyco Electronics

  55A0833-10 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
1
/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER,
AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: “901/902...” MAY BE REPLACED BY “Axxx”.) OTHER CODES AND
SUFFIXES MAY BE ADDED TO THE PART NUMBER AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Page 1 of 1
The TE logo, Tyco Electronics and Raychem are trademarks.
Raychem Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
DIMENSIONS ARE IN INCHES, AND UNLESS OTHERWISE DESIGNATED ARE NOMINAL
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
© 2009 Tyco Electronics Corporation. All rights reserved.
COMPONENT WIRES - 55A0813
NOTE: Nominal values are for information only.
Nominal values are not requirements.
SPECIFICATION CONTROL DRAWING
55A0833
THREE CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
10-26-09
D
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
TITLE
Date
Revision
CABLE CONSTRUCTION DETAILS
PART NUMBER
1/
CONDUCTOR
SIZE
(AWG)
OUTSIDE DIAMETER
(inches)
MAXIMUM
WEIGHT
(lbs/1000 ft.)
NOMINAL
MAXIMUM
55A0833-26-*
26
.086
.091
5.2
55A0833-24-*
24
.097
.102
7.0
55A0833-22-*
22
.108
.112
9.8
55A0833-20-*
20
.125
.130
14.4
55A0833-18-*
18
.151
.158
22.0
55A0833-16-*
16
.166
.173
27.5
55A0833-14-*
14
.203
.210
42.2
55A0833-12-*
12
.240
.246
62.7
55A0833-10-*
10
.289
.298
99.1
55A0833-8-*
8
.421
.438
196.
55A0833-6-*
6
.521
.542
296.
55A0833-4-*
4
.670
.691
499.
55A0833-2-*
2
.881
.907
783.
55A0833-1-*
1
1.02
1.04
995.
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
TEMPERATURE RATING: 200°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
INSULATION FLAWS:
Spark Test, 5.7 kV (rms) at 3 kHz
Impulse Dielectric Test, 8.0 kV (peak)
PART NUMBER:
The “*” in the part numbers above shall be replaced by color
code designators with a slash separating the component wire
colors. Colors shown do not necessarily reflect the sequence
of manufacturing.
1
/ Example: AWG 22, black, brown and red component wires:
55A0833-22-0/1/2


Similar Part No. - 55A0833-10

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
55A0811 TEC-55A0811 Datasheet
39Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A0812 TEC-55A0812 Datasheet
41Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
logo
Tyco Electronics
55A0812-0- MACOM-55A0812-0- Datasheet
79Kb / 3P
   WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED
55A0812-00- MACOM-55A0812-00- Datasheet
79Kb / 3P
   WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED
55A0812-000- MACOM-55A0812-000- Datasheet
79Kb / 3P
   WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED
More results

Similar Description - 55A0833-10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1193344-8 MACOM-2-1193344-8 Datasheet
119Kb / 1P
   FOUR CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
2-1192804-7 MACOM-2-1192804-7 Datasheet
37Kb / 1P
   FOUR CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
2-1192392-3 MACOM-2-1192392-3 Datasheet
34Kb / 1P
   TWO CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
2-1192871-8 MACOM-2-1192871-8 Datasheet
35Kb / 1P
   TWO CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
2-1192898-9 MACOM-2-1192898-9 Datasheet
35Kb / 1P
   TWO CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, GENERAL PURPOSE, 600 VOLT
2-1192395-7 MACOM-2-1192395-7 Datasheet
34Kb / 1P
   TWO CONDUCTOR CABLE, UNSHIELDED, UNJAKETED, GENERAL PURPOSE, 600 VOLT
2-1195893-4 MACOM-2-1195893-4 Datasheet
116Kb / 1P
   FOUR CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
030859-000 MACOM-030859-000 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
023781-000 MACOM-023781-000 Datasheet
44Kb / 1P
   FOUR CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
2-1192393-7 MACOM-2-1192393-7 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com