Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM7SH00TB-EL Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM7SH00TB-EL
Description  HIGH SPEED CMOS LOGIC IC ELM7SH00xB 2-input NAND gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM7SH00TB-EL Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM7SH00TB-EL Datasheet HTML 1Page - ELM Technology Corporation ELM7SH00TB-EL Datasheet HTML 2Page - ELM Technology Corporation ELM7SH00TB-EL Datasheet HTML 3Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
HIGH SPEED CMOS LOGIC IC
ELM7SH00xB 2-input NAND gate
■General description
■Features
■Application
■Selection guide
ELM7SH00xB-EL
Symbol
a
Function
00: 2-input NAND gate
b
Package
M: SOT-25
T : SC-70-5(SOT-353)
c
Product version
B
d
Taping direction
EL: Refer to PKG file
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
-0.5 to +6.0
V
Input voltage
Vin
-0.5 to +6.0
V
Output voltage
Vout
-0.5 to Vdd+0.5
V
Input protection diode current
Iik
-
20
mA
Output parasitic diode current
Iok
±
20
mA
Output current
Iout
±
25
mA
VDD/GND current
Idd, Ignd
±
50
mA
Power dissipation
Pd
150
mW
Storage temperature
Tstg
-65 to +150
°C
ELM7SH00xB is CMOS 2-input NAND gate which is suitable for battery-operated devices because of its ultra
high speed opeartion performed by low voltage. The low power consumption contributes to longer battery life,
which makes long time operation of devices possible. The internal circuit which provides high noise immunity
and stable output is composed of 3 stages, including buffered output.
• Same electrical characteristic and high speed operation as 74VHC series
• Low consumption current
: Idd=1.0µA(Max.)(Top=25°C)
• Wide power voltage range
: 2.0V to 5.5V
• Wide input voltage range
: Vih=5.5V(Max.)(Vdd=0 to 5.5V)
• High speed
: Tpd=2ns(Typ.)(Vdd=5.0V)
• Small package
: SOT-25, SC-70-5(SOT-353)
• Same function and pin configuration as ELM7SxxB
• Cell phones
• Digital cameras
• Portable electrical appliances like PDA, etc.
• Computers and peripherals
• Digital electrical appliances like LCD TV sets, DVD recorders/players, STB, etc.
• Modification inside print board, adjustment of timing, solution to noise
• Power voltage change from 5V to 3V
ELM7SH 0 0 x B - EL
↑ ↑ ↑ ↑
a b c d
3 -


Similar Part No. - ELM7SH00TB-EL

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7SH00XB ELM-TECH-ELM7SH00XB Datasheet
279Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NAND gate
logo
ELM Electronics
ELM7SH00XB ELM-ELM7SH00XB Datasheet
319Kb / 3P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7SH00XB ELM-TECH-ELM7SH00XB_17 Datasheet
604Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH00xB
More results

Similar Description - ELM7SH00TB-EL

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7SH00XB ELM-TECH-ELM7SH00XB Datasheet
279Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NAND gate
ELM7SH00XB ELM-TECH-ELM7SH00XB_17 Datasheet
604Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH00xB
ELM7S00B ELM-TECH-ELM7S00B Datasheet
596Kb / 3P
   CMOS LOGIC IC 2-input NAND gate
logo
Texas Instruments
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC00 TI1-CD54HC00_14 Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S00B 2-input NAND gate
ELM7SH32XB ELM-TECH-ELM7SH32XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input OR gate
ELM7SH02XB ELM-TECH-ELM7SH02XB Datasheet
277Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NOR gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com