Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM408SM Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM408SM
Description  Rotary Decoder - 2 wire Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM408SM Datasheet(HTML) 1 Page - ELM Electronics

  ELM408SM Datasheet HTML 1Page - ELM Electronics ELM408SM Datasheet HTML 2Page - ELM Electronics ELM408SM Datasheet HTML 3Page - ELM Electronics ELM408SM Datasheet HTML 4Page - ELM Electronics ELM408SM Datasheet HTML 5Page - ELM Electronics ELM408SM Datasheet HTML 6Page - ELM Electronics ELM408SM Datasheet HTML 7Page - ELM Electronics ELM408SM Datasheet HTML 8Page - ELM Electronics ELM408SM Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ELM408
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
Rotary Decoder - 2 wire Interface
The ELM408 is an 8 pin integrated circuit that is
used to convert the output from a rotary encoder into
two signals (chip select, and up/down) that can be
used to control various devices. The low power
CMOS technology used ensures that only a very
small current is required over the entire 2.0 to 5.5
volt operating range.
There is no need for external filtering or
debounce circuits with the ELM408, as this is all
performed
within
the
integrated
circuit.
After
debouncing
the
encoder
signals,
the
ELM408
determines the direction of shaft rotation, and then
generates the appropriate outputs. A write sequence
can also be generated if the Write Enable input is at
a high level when the outputs are generated.
The ELM408 provides both 2x and 4x decoding
of
a
rotary
encoder
signal.
See
the
Output
Waveforms section for more information.
A
B
Description
• Digital audio potentiometer controls
• Variable voltage or temperature circuits
• Positioning controls
• Tuning circuits
Applications
Block Diagram
1 of 10
• Low power CMOS design
• Wide supply range – 2.0 to 5.5 volts
• Complete debouncing of the encoder inputs
• No external filtering needed
• 2x and 4x decoding
• Can generate a write sequence
• Startup delay timer
• High current drive outputs
Features
ELM408DSA
Write
Enable
CS
U/D
B
7
A
Debounce
Circuit
2
CS
5
VDD
Direction
Decoding
4
Write
Enable
VDD
Output
Logic
3
U/D
Rotary
Encoder
Debounce
Circuit
6
4x/2x
4x/2x


Similar Part No. - ELM408SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401P ELM-ELM401P Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401SM ELM-ELM401SM Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
More results

Similar Description - ELM408SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM403 ELM-ELM403 Datasheet
60Kb / 9P
   Rotary Decoder - 2 wire 4x Interface
ELM405 ELM-ELM405 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
ELM404 ELM-ELM404 Datasheet
57Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM406 ELM-ELM406 Datasheet
58Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM407 ELM-ELM407 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
logo
Maxim Integrated Produc...
MAXSMBUS MAXIM-MAXSMBUS Datasheet
219Kb / 8P
   2-Wire Interface Board
Rev 1; 2/00
logo
Fairchild Semiconductor
NM24C04U FAIRCHILD-NM24C04U Datasheet
89Kb / 13P
   EEPROM 2-Wire Bus Interface
logo
List of Unclassifed Man...
XE0204 ETC-XE0204 Datasheet
39Kb / 8P
   2-Wire/4-Wire Telephone Line Interface
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com