Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0031.3901 Datasheet(PDF) 7 Page - Schurter Inc.

Part # 0031.3901
Description  FUSEHOLDERS / SICHERUNGSHALTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.3901 Datasheet(HTML) 7 Page - Schurter Inc.

Back Button 0031.3901 Datasheet HTML 3Page - Schurter Inc. 0031.3901 Datasheet HTML 4Page - Schurter Inc. 0031.3901 Datasheet HTML 5Page - Schurter Inc. 0031.3901 Datasheet HTML 6Page - Schurter Inc. 0031.3901 Datasheet HTML 7Page - Schurter Inc. 0031.3901 Datasheet HTML 8Page - Schurter Inc. 0031.3901 Datasheet HTML 9Page - Schurter Inc. 0031.3901 Datasheet HTML 10Page - Schurter Inc. 0031.3901 Datasheet HTML 11Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
SCHURTER AG Switzerland,
¤ (+)++41-41 369 31 11 Fax (+)++41-41 369 34 03 E-mail: contact@schurter.ch Internet: http.//www.schurter.ch 145
FUSEHOLDERS / SICHERUNGSHALTER*
Miniature fuse-links /
G-Sicherungseinsätze
5 x 20 mm
Panel mount, rear side /
Panel mount, front side /
für Plattenmont. von Rückseite
für Plattenmont. von Frontseite
Fixing nut fastening /
Snap in fastening
Schraubbefestigung
Snap-Befestigung
Bayonet type fuse carrier /
Screw type fuse carrier
Captive bayonet type fuse carrier
Bayonet type fuse carrier
Bayonet type fuse carrier
Renkverschlusskappe
Schraubverschlusskappe
Unverlierbare Renkverschlusskappe
Renkverschlusskappe
Renkverschlusskappe
PC 1
PC 2
PC 3
PC2
PC 2
250 V (SEV: 500 V)
250 V
250 V
250 V
250 V
6,3 A
16 A
10 A
10 A
10 A
2,5 W
4 W
2,5 W
2,5 W
2,5 W
••
2,8 x 0,5 mm
6,3 x 0,8 mm
4,8 x 0,5 mm
4,8 x 0,5 mm
4,8 x 0,5 mm
IP 42
IP 40, IP 67
IP 40
IP 40, IP 67
IP 40
FEP
FIZ
FBS 1
FPG 2
FPG 3
154
155
156
157
158
for high currents /
für hohe Ströme
Fingergrip
Fingergrip
Fingergrip
rear side sealed /
Rückseite vergussdicht
Miniature fuse-links /
(with indicator /
G-Sicherungseinsätze
mit Kennmelder)
5 x 20 mm
Through hole mounting** /
Through hole mounting, vertical /
Durchsteckmontage**
Durchsteckmontage, vertikal
Captive bayonet type fuse carrier /
Bayonet type fuse carrier /
Screw type fuse carrier, transparent /
Bayonet type fuse carrier
Unverlierbare Renkverschlusskappe
Renkverschlusskappe
Schraubverschlusskappe, transparent
Renkverschlusskappe
PC3
PC 2
PC 1
PC 1
PC2
PC 2
250 V
250 V
400 V
250 V
250 V
250 V
10 A
6,3 A
10 A
10 A
10 A
6,3 A
2,5 W
2 W
2,5 W
1,3 W
2,5 W
2 W
••
IP 40
IP 40
IP 40
IP 00
IP 40
IP 40, IP 54
FBS 2
FAB
FAS
FPG 4
FAF
231 528
162
163
164
165
166
167
* Components with pre-inserted fuse-links are available on request / Auf Anfrage auch bestückt mit Sicherungseinsätzen lieferbar
** horizontal or vertical /
horizontal oder vertikal
sealed from the rear
and terminal side /
vergussdicht von der Rück-
und Anschlussseite
terminals flux proof /
Anschlüsse lötdicht
Fingergrip
Fingergrip
MEDICAL GRADE
MEDICAL GRADE


Similar Part No. - 0031.3901

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.3901 SCHURTER-0031.3901 Datasheet
432Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, PC3, medical
0031.3901 SCHURTER-0031.3901 Datasheet
305Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, PC3, medical
More results

Similar Description - 0031.3901

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
   FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
   Fuseholders
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
   Fuseholders
logo
Elektron Components Ltd...
FX0430 BULGIN-FX0430 Datasheet
1Mb / 18P
   FUSEHOLDERS
logo
Littelfuse
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
   FUSEHOLDERS
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
   Fuseholders
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
   Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
   Fuseholders
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com