Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM304 Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM304
Description  NTSC Video Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM304 Datasheet(HTML) 4 Page - ELM Electronics

  ELM304_09 Datasheet HTML 1Page - ELM Electronics ELM304_09 Datasheet HTML 2Page - ELM Electronics ELM304_09 Datasheet HTML 3Page - ELM Electronics ELM304_09 Datasheet HTML 4Page - ELM Electronics ELM304_09 Datasheet HTML 5Page - ELM Electronics ELM304_09 Datasheet HTML 6Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Example Application
4 of 6
The circuit of Figure 1 below shows how the
ELM304 would typically be connected. This is all that
is needed to generate an NTSC signal for 525 line
systems that use a nominal horizontal rate of 15734
Hz, and a vertical field rate of 59.94 Hz. The output
signal is an interlaced type, so 262.5 lines are
displayed during each field, for a total of 525 lines per
frame. Equalization pulses, vertical retrace blanking,
etc. are all generated by the ELM304.
Figure 1 does not show a power supply, as the
type used depends mostly on the application. For
portable use, this circuit can easily be powered by two
‘AA’ cells (the average current required is only about
10 mA at 3V, and the peak current is almost double
that). Since the output level depends directly on the
supply voltage however, you may wish to consider a
higher voltage supply and a 5V regulator connected to
keep the supply voltage constant. For the following
discussion, we are assuming that the supply voltage is
regulated at 5 volts.
Once the power supply voltage is determined, the
values of the summing resistors (R1 to R4) are then
chosen using Table 1 as a starting point. Depending
on the accuracy desired, some adjustment of these
resistor values may be required, but for many
applications, you may find the results to be acceptable.
The oscilloscope traces shown in Figures 2 and 4
were obtained from a circuit that used standard 5%
carbon resistors with values as shown in Table 1
(there was no trimming of resistor values, or the
oscillator frequency).
Figure 1 shows a switch connected to pin 4, but if
you only require one type of output signal, pin 4 can be
connected directly to either VSS or VDD.
One element of such a circuit that should be
considered if you are building it, is the use of short
ELM304
ELM304DSC
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Figure 1. Typical Circuit Configuration
Table 1 Typical Resistor Values
R1
R2
R3
R4
330
330
220
470
680
680
430
150
3V
5V
VDD
0.1µF
27pF
3.58MHz
27pF
R3
R4
R2
R1
75
Ω (unbalanced)
output signal
VDD
Switch closed for
gray bars, and open
for a white screen
1
2
3
4
8
7
6
5


Similar Part No. - ELM304_09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM3042 EVERLIGHT-ELM3042 Datasheet
430Kb / 12P
   4 PIN SOP ZERO CROSS TRIAC
ELM3042(TA)-V EVERLIGHT-ELM3042(TA)-V Datasheet
430Kb / 12P
   4 PIN SOP ZERO CROSS TRIAC
ELM3042(TB)-V EVERLIGHT-ELM3042(TB)-V Datasheet
430Kb / 12P
   4 PIN SOP ZERO CROSS TRIAC
ELM3043 EVERLIGHT-ELM3043 Datasheet
430Kb / 12P
   4 PIN SOP ZERO CROSS TRIAC
ELM3043(TA)-V EVERLIGHT-ELM3043(TA)-V Datasheet
430Kb / 12P
   4 PIN SOP ZERO CROSS TRIAC
More results

Similar Description - ELM304_09

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM304 ELM-ELM304 Datasheet
28Kb / 4P
   NTSC Video Generator
logo
Intersil Corporation
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
logo
Mitsubishi Electric Sem...
M52023SP MITSUBISHI-M52023SP Datasheet
1Mb / 14P
   NTSC VIDEO CHROMA DEFLECTION
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
   NTSC Digital Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Mitsubishi Electric Sem...
M5141BSP MITSUBISHI-M5141BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com