Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCW_JDSH_EC Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCW_JDSH_EC
Description  Technology: InGaN on Sapphire
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW_JDSH_EC Datasheet(HTML) 4 Page - OSRAM GmbH

  LCW_JDSH_EC Datasheet HTML 1Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 2Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 3Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 4Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 5Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 6Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 7Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 8Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2012-02-15
4
Version 2.0 - OS-PCN-2012-006-A
LCW JDSH.EC
Characteristics (T
S = 25 °C; IF = 120 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
v
(typ.)
2
ϕ
120
°
Forward voltage
2) page 24
Durchlassspannung
2) Seite 24
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.80
3.20
3.60
V
V
V
Reverse current
Sperrstrom
I
R
not designed for reverse operation
Real thermal resistance junction /
solder point
3) page 24
Realer Wärmewiderstand
Sperrschicht / Lötpad
3) Seite 24
(typ.)
(max.)
R
th JS real
R
th JS real
41
64
K/W
K/W
"Electrical" thermal resistance
junction / solder point
"Elektrischer" Wärmewiderstand
Sperrschicht / Lötpad
(with efficiency
η
e = 20 %)
(typ.)
R
th JS el
33
K/W


Similar Part No. - LCW_JDSH_EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCW-JDSH.EC OSRAM-LCW-JDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
More results

Similar Description - LCW_JDSH_EC

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP42450 SIPAT-SP42450 Datasheet
309Kb / 10P
   SP5T Absorptive Silicon-on-Sapphire
logo
Vishay Siliconix
VLWW960 VISHAY-VLWW960 Datasheet
251Kb / 9P
   Utilizing InGaN technology
Rev. 1.1, 05-Mar-08
VLMW322 VISHAY-VLMW322 Datasheet
217Kb / 8P
   High efficient INGaN technology
Rev. 1.3, 16-May-13
VLMW45R1S1-5K6L-08 VISHAY-VLMW45R1S1-5K6L-08 Datasheet
182Kb / 8P
   High efficient InGaN technology
Rev. 1.4, 03-Aug-15
VLMW41 VISHAY-VLMW41 Datasheet
181Kb / 8P
   High efficient InGaN technology
Rev. 1.8, 03-Aug-15
logo
Seoul Semiconductor
EWT801-S SEOUL-EWT801-S Datasheet
296Kb / 21P
   Package: White PLCC2 White Color Technology: InGan/Gan
logo
Lite-On Technology Corp...
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
logo
Vishay Siliconix
TLHB44K2M1 VISHAY-TLHB44K2M1 Datasheet
104Kb / 5P
   GaN on SiC technology
Rev. 1.2, 14-Oct-14
logo
Hantronix,Inc
HDG12864F-1 HANTRONIX-HDG12864F-1 Datasheet
26Kb / 1P
   Chip On Glass technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com