Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0E1350H0 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # 0E1350H0
Description  GENERAL PURPOSE - SINGLE POLE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

0E1350H0 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  0E1350H0 Datasheet HTML 1Page - Cherry Semiconductor Corporation 0E1350H0 Datasheet HTML 2Page - Cherry Semiconductor Corporation 0E1350H0 Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GENERAL PURPOSE – SINGLE POLE
E Series
Features
Choice of 5 contact ratings
High Temperature 200°C versions available
Long life coil spring, snap action mechanism
Agency approved extended life versions available
RoHS Compliant
Electrical Ratings and Operating Life
According to UL1054
Switch
Series
Nominal Load
Operation cycles (Min operations)
G13
0.1A 125VAC, 0.1A 30VDC
6000*
E13
15A, 125/250VAC; 3/4HP 125VAC
1 ½ hp 250VAC; 2A 48VDC
6000*
E14
25A 125/250VAC; 1HP 125VAC
2HP 250VAC; 2A 48VDC
6000
E30
30.1A 125/250VAC; 1HP 125VAC
2HP 250VAC (UL Only)
6000
E29
30.1A 125/250/277 VAC
UL Approved Only – Resistive Load Only
6000
Extended life 105°C UL versions available. Contact factory for more information. Special part number required.
Technical Specifications
Material Specifications
Case:
General Purpose Phenolic
Actuator button:
Thermoplastic Nylon
Temperature
Ratings:
-40°C to 105°C (G13, E13, E14)
-40°C to 85°C (E29)
150°C & 200°C optional (G13, E13, E14)
Common Terminal:
Brass: G13 and E13
Silver Plated Brass: E14
Silver Plated Copper (E29, E30)
Flammability
Rating:
UL94HB
Terminals:
Brass (G13, E13)
Copper (E14, E29, E30)
Moving Blade:
Brass (G13, E13)
Silver Plated Beryllium Copper (E14, E29, E30)
Terminals:
0.250” x 0.032” (6.35mm x 0.81mm)
Spring:
Stainless Steel
CSA File Number
16503
Auxiliary Actuator:
Cold-Rolled Stainless Steel (Nickel Plated)
UL File Number:
E23301
Contacts:
Silver-CdO: E13, E14, E29, E30
Gold Crosspoint: G13
Specifications subject to change
(G13, E13,
E14 @ T200)


Similar Part No. - 0E1350H0

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
0E1300E0 CHERRY-0E1300E0 Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
0E1300H0 CHERRY-0E1300H0 Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
0E1300J0 CHERRY-0E1300J0 Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
0E1300K0 CHERRY-0E1300K0 Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
0E1300M0 CHERRY-0E1300M0 Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
More results

Similar Description - 0E1350H0

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E13 ZFSWITCHES-E13 Datasheet
307Kb / 3P
   Single Pole General Purpose
logo
Cherry Semiconductor Co...
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
   GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
E13-00J CHERRY-E13-00J Datasheet
784Kb / 3P
   GENERAL PURPOSE ??SINGLE POLE E Series
E13-00E0 CHERRY-E13-00E0 Datasheet
361Kb / 3P
   Snap Action Switch Single Pole General Purpose
E19-50K CHERRY-E19-50K Datasheet
338Kb / 3P
   GENERAL PURPOSE ??DOUBLE POLE
logo
ZF Friedrichshafen AG
E19 ZFSWITCHES-E19 Datasheet
532Kb / 3P
   Double Pole General Purpose
logo
Cherry Semiconductor Co...
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
   Snap Action Switch Double Pole General Purpose
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
STMicroelectronics
UA741MN STMICROELECTRONICS-UA741MN Datasheet
315Kb / 11P
   General-purpose single operational amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com