Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXD706 Datasheet(PDF) 4 Page - Elektron Components Ltd.

Part # PXD706
Description  IEC DISTRIBUTION UNITS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXD706 Datasheet(HTML) 4 Page - Elektron Components Ltd.

  PXD706 Datasheet HTML 1Page - Elektron Components Ltd. PXD706 Datasheet HTML 2Page - Elektron Components Ltd. PXD706 Datasheet HTML 3Page - Elektron Components Ltd. PXD706 Datasheet HTML 4Page - Elektron Components Ltd. PXD706 Datasheet HTML 5Page - Elektron Components Ltd. PXD706 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.elektron-bulgin.com
102
IEC DISTRIBUTION UNITS
PXD200
PXD201
M3 CLEAR
135.0 CRS
FIXING DETAILS
Four Outlets
EN60320 Inlet
10A, 250V ac
cULus Approval
Four Outlets
2m Cable with BS1363
connector, Schuko connector
(CEE7) or NEMA 5/15
connector
10A, 250V a.c.
IEC Rectangular Distribution Units
COMPACT DISTRIBUTION UNIT
COMPACT DISTRIBUTION UNIT
Specification
Mouldings:
Thermoplastic
Housing:
ABS, UL94V-0
Connectors:
BS1363, CEE7, NEMA 5/15
Contacts:
Outlets: Brass, Tin Plated
Inlets: Brass, Nickel Plated
Voltage Rating:
250V a.c. 50/60Hz
Current Rating:
10A
Proof Voltage:
2kV
Temp. Range:
–5˚C to +60˚C
Approvals:
Listed
(PXD200)
Compliant
Part No.
Inlet
Outlet
PXD200
14
PXD201
2m cable with BS 1363 plug
4
PXD201/1
2m cable with Schuko plug
4
PXD201/2
2m cable with NEMA 5/15
4
Conns7 - Dist Units- 2010:Conns7 - Dist Units- 2005
8/6/10
16:49
Page 102


Similar Part No. - PXD706

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXD706/061/10/1 BULGIN-PXD706/061/10/1 Datasheet
120Kb / 1P
   IEC Square Distribution Units
More results

Similar Description - PXD706

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXD200 BULGIN-PXD200 Datasheet
80Kb / 1P
   IEC Rectangular Distribution Units
PXD500 BULGIN-PXD500 Datasheet
120Kb / 1P
   IEC Square Distribution Units
PXD100 BULGIN-PXD100 Datasheet
158Kb / 2P
   IEC Rectangular Distribution Units
logo
PREMO CORPORATION S.L
P-1240-004 PREMO-P-1240-004 Datasheet
138Kb / 1P
   IEC & Wallplug Impedance Matching Units
logo
PANDUIT CORP.
P08D09M PANDUIT-P08D09M Datasheet
2Mb / 9P
   SmartZone??G5 Intelligent Power Distribution Units (iPDUs)
logo
Schurter Inc.
4748 SCHURTER-4748 Datasheet
261Kb / 2P
   Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
4748 SCHURTER-4748_21 Datasheet
297Kb / 3P
   Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
4748 SCHURTER-4748_V01 Datasheet
297Kb / 3P
   Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
5.01.2022
4748 SCHURTER-4748_18 Datasheet
287Kb / 3P
   Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
logo
NIHON DEMPA KOGYO
NX2016SA-25.000M-STD NDK-NX2016SA-25.000M-STD Datasheet
293Kb / 1P
   Crystal Units
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com