Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A3301RGWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A3301RGWR
Description  ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3301RGWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A3301RGWR Datasheet HTML 5Page - Texas Instruments TPS7A3301RGWR Datasheet HTML 6Page - Texas Instruments TPS7A3301RGWR Datasheet HTML 7Page - Texas Instruments TPS7A3301RGWR Datasheet HTML 8Page - Texas Instruments TPS7A3301RGWR Datasheet HTML 9Page - Texas Instruments TPS7A3301RGWR Datasheet HTML 10Page - Texas Instruments TPS7A3301RGWR Datasheet HTML 11Page - Texas Instruments TPS7A3301RGWR Datasheet HTML 12Page - Texas Instruments TPS7A3301RGWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
0
10
20
30
40
50
60
70
80
90
100
110
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VDO = 1V
VDO = 750mV
VDO = 500mV
VDO = 350mV
VDO = 300mV
IOUT = 1A
CNR = 10nF
COUT = 22µF
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency (Hz)
IOUT = 1mA, VNOISE = 16.26µVRMS
IOUT = 1A, VNOISE = 16.48µVRMS
COUT = 22µF
CNR SS = 10nF
BWRMSNOISE [10Hz, 100kHz]
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency (Hz)
CNR SS = 0nF, VNOISE = 78µVRMS
CNR SS = 10nF, VNOISE = 16µVRMS
COUT = 22µF
BWRMSNOISE [10Hz, 100kHz]
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency (Hz)
VOUT = −1.171V, VNOISE = 16.48µVRMS
VOUT = −5V, VNOISE = 37µVRMS
IOUT = 1A
COUT = 22µF
CNR SS = 10nF
BWRMSNOISE [10Hz, 100kHz]
Time(100 s/div)
m
I
=1mAto500mA
V
=16V
V
=15V
OUT
IN
OUT
Time(100 s/div)
m
I
=500mAto1mA
V
=16V
V
=15V
OUT
IN
OUT
TPS7A33
www.ti.com
SBVS169B – DECEMBER 2011 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS (continued)
At TJ = –40°C to +125°C, |VIN| = |VOUT(NOM)| + 1.0 V or |VIN| = 3.0 V (whichever is greater), VEN = VIN, IOUT = 1 mA, CIN = 22 μF,
COUT = 22 μF, CNR/SS = 0 nF, and the FB pin tied to OUT, unless otherwise noted.
OUTPUT SPECTRAL NOISE DENSITY vs OUTPUT
POWER-SUPPLY REJECTION RATIO vs VDO
CURRENT
Figure 19.
Figure 20.
OUTPUT SPECTRAL NOISE DENSITY vs CNR/SS
OUTPUT SPECTRAL NOISE DENSITY vs VOUT(NOM)
Figure 21.
Figure 22.
LOAD TRANSIENT
LOAD TRANSIENT
Figure 23.
Figure 24.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS7A3301RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3301RGWR TI1-TPS7A3301RGWR Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
More results

Similar Description - TPS7A3301RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3301 TI1-TPS7A3301 Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3401 TI-TPS7A3401 Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com