Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM67H618AFN12 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM67H618AFN12
Description  64K x 18 Bit BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67H618AFN12 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM67H618AFN12 Datasheet HTML 1Page - Motorola, Inc MCM67H618AFN12 Datasheet HTML 2Page - Motorola, Inc MCM67H618AFN12 Datasheet HTML 3Page - Motorola, Inc MCM67H618AFN12 Datasheet HTML 4Page - Motorola, Inc MCM67H618AFN12 Datasheet HTML 5Page - Motorola, Inc MCM67H618AFN12 Datasheet HTML 6Page - Motorola, Inc MCM67H618AFN12 Datasheet HTML 7Page - Motorola, Inc MCM67H618AFN12 Datasheet HTML 8Page - Motorola, Inc MCM67H618AFN12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MCM67H618A
3
MOTOROLA FAST SRAM
SYNCHRONOUS TRUTH TABLE (See Notes 1, 2, and 3)
E
ADSP
ADSC
ADV
UW or LW
K
Address Used
Operation
H
X
L
X
X
L–H
N/A
Deselected
L
L
X
X
X
L–H
External Address
Read Cycle, Begin Burst
L
H
L
X
L
L–H
External Address
Write Cycle, Begin Burst
L
H
L
X
H
L–H
External Address
Read Cycle, Begin Burst
X
H
H
L
L
L–H
Next Address
Write Cycle, Continue Burst
X
H
H
L
H
L–H
Next Address
Read Cycle, Continue Burst
X
H
H
H
L
L–H
Current Address
Write Cycle, Suspend Burst
X
H
H
H
H
L–H
Current Address
Read Cycle, Suspend Burst
H
X
H
L
L
L–H
Next Address
Write Cycle, Continue Burst
H
X
H
L
H
L–H
Next Address
Read Cycle, Continue Burst
H
X
H
H
L
L–H
Current Address
Write Cycle, Suspend Burst
H
X
H
H
H
L–H
Current Address
Read Cycle, Suspend Burst
NOTES:
1. X means Don’t Care.
2. All inputs except G must meet setup and hold times for the low–to–high transition of clock (K).
3. Wait states are inserted by suspending burst.
ASYNCHRONOUS TRUTH TABLE (See Notes 1 and 2)
Operation
G
I/O Status
Read
L
Data Out
Read
H
High–Z
Write
X
High–Z — Data In
Deselected
X
High–Z
NOTES:
1. X means Don’t Care.
2. For a write operation following a read operation, G must be high before the input data
required setup time and held high through the input data hold time.
ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS = 0 V)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
– 0.5 to + 7.0
V
Voltage Relative to VSS for Any
Pin Except VCC
Vin, Vout
– 0.5 to VCC + 0.5
V
Output Current (per I/O)
Iout
± 30
mA
Power Dissipation
PD
1.6
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TA
0 to +70
°C
Storage Temperature
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to this high–impedance
circuit.
This BiCMOS memory circuit has been
designed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established.
This device contains circuitry that will ensure
the output devices are in High–Z at power up.


Similar Part No. - MCM67H618AFN12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618BFN10 MOTOROLA-MCM67H618BFN10 Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618BFN12 MOTOROLA-MCM67H618BFN12 Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618BFN9 MOTOROLA-MCM67H618BFN9 Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM67H618AFN12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618B MOTOROLA-MCM67J618B Datasheet
203Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B618A MOTOROLA-MCM67B618A Datasheet
155Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com