Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXD500 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PXD500
Description  IEC Square Distribution Units
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXD500 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PXD500 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
103
IEC DISTRIBUTION UNITS
PXD703/061/10/1
PXD706/061/10/1
PXD500/061/10/1
PXD701/061/10/1
Six Shuttered Outlets
5 x 20mm Fuseholder
Filtered or Non Filtered
Switch, Fuse, Neon Indicator
With IEC Inlet
10A, 250V a.c.
Six Shuttered Outlets
5 x 20mm Fuseholder
Switch, Fuse, Neon Indicator
Screw Fit to Panel
10A, 250V
Six Shuttered Outlets
5 x 20mm Fuseholder
Filtered or Non Filtered
Switch, Fuse, Neon Indicator
2 Metre Cable with BS1363
or CEE7 Plug
10A, 250V
Other configurations available on request.
Specification
Mouldings:
Thermoplastic
Housing:
ABS
Connectors:
Nylon
Contacts:
Outlets: Brass, Tin Plated
Inlets: Brass, Nickel Plated
Voltage Rating:
250V a.c. 50/60Hz
Current Rating:
10A
Proof Voltage:
2kV
Temp. Range:
–5˚C to +60˚C
Compliant
Filter
Max. Earth Leakage:
Current:
<0.35mA (at 250V, 50Hz)
Capacitor:
2 x 2.2nF (Y), 1 x 15nF (X)
Inductance:
2 x 0.35mH
Fuse:
5 x 20mm, 10A (ceramic
HRC type, IEC 127)
EMI
Neon
Part No.
Inlet
Outlet
Filter
Switch
Fuse
Indicator
Panel Style:
PXD500/061/10/1
6 Shuttered
11
1
Box Style:
PXD701/061/10/1
1
6 Shuttered
11
1
PXD701/561/10/1
1
6 Shuttered

11
1
PXD703/061/10/1
2m cable
6 Shuttered
11
1
with
BS 1363 plug
PXD703/561/10/1
2m cable
6 Shuttered

11
1
with
BS 1363 plug
PXD706/061/10/1
2m cable
6 Shuttered
11
1
with CEE7
Sheet VII plug
IEC Square Distribution Units
IEC DISTRIBUTION UNIT
IEC PANEL MOUNT DISTRIBUTION UNIT
IEC DISTRIBUTION UNIT
Conns7 - Dist Units- 2010:Conns7 - Dist Units- 2005
8/6/10
16:49
Page 103


Similar Part No. - PXD500

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXD500 BULGIN-PXD500 Datasheet
1Mb / 6P
   IEC DISTRIBUTION UNITS
PXD500/061/10/1 BULGIN-PXD500/061/10/1 Datasheet
1Mb / 6P
   IEC DISTRIBUTION UNITS
More results

Similar Description - PXD500

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXD301 BULGIN-PXD301 Datasheet
1Mb / 6P
   IEC DISTRIBUTION UNITS
PXD200 BULGIN-PXD200 Datasheet
80Kb / 1P
   IEC Rectangular Distribution Units
PXD100 BULGIN-PXD100 Datasheet
158Kb / 2P
   IEC Rectangular Distribution Units
logo
PREMO CORPORATION S.L
P-1240-004 PREMO-P-1240-004 Datasheet
138Kb / 1P
   IEC & Wallplug Impedance Matching Units
logo
PANDUIT CORP.
P08D09M PANDUIT-P08D09M Datasheet
2Mb / 9P
   SmartZone??G5 Intelligent Power Distribution Units (iPDUs)
logo
Cooper Bussmann, Inc.
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
   Square Body US Style ??690V/700V (IEC): 40-2000A
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3388 COOPER-170M3388 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com