Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXD100 Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # PXD100
Description  IEC Rectangular Distribution Units
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXD100 Datasheet(HTML) 2 Page - Elektron Components Ltd.

  PXD100 Datasheet HTML 1Page - Elektron Components Ltd. PXD100 Datasheet HTML 2Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.elektron-bulgin.com
101
IEC DISTRIBUTION UNITS
101
Specification
Mouldings:
Thermoplastic
Housing:
ABS
Connectors:
Nylon
Contacts:
Outlets: Brass, Tin Plated
Inlets: Brass, Nickel Plated
Voltage Rating:
250V a.c. 50/60Hz
Current Rating:
10A
Proof Voltage:
2kV
Temp. Range:
–5˚C to +60˚C
Mating Connectors:
PX0686, PX0686/SE
Compliant
Filter
Max. Earth Leakage:
Current:
<0.35mA (at 250V, 50Hz)
Capacitor:
2 x 2.2nF (Y), 1 x 15nF (X)
Inductance:
2 x 0.35mH
Fuse:
5 x 20mm, 10A (ceramic HRC type, IEC 127)
Five Shuttered Outlets
Illuminated Switch
Filtered or Non-Filtered
EN60320 Inlet
10A, 250V a.c.
Five Shuttered Outlets
Illuminated Switch
Filtered or Non-Filtered
2m Cable and BS1363 plug
10A, 250V a.c.
PXD301/050/07/1
PXD303/050/08/1
IEC DISTRIBUTION UNIT
IEC DISTRIBUTION UNIT
IEC Rectangular Distribution Units
Conns7 - Dist Units- 2010:Conns7 - Dist Units- 2005
8/6/10
16:49
Page 101


Similar Part No. - PXD100

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXD100 BULGIN-PXD100 Datasheet
1Mb / 6P
   IEC DISTRIBUTION UNITS
PXD100/050/01/1 BULGIN-PXD100/050/01/1 Datasheet
1Mb / 6P
   IEC DISTRIBUTION UNITS
logo
Freescale Semiconductor...
PXD1005 FREESCALE-PXD1005 Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
More results

Similar Description - PXD100

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXD200 BULGIN-PXD200 Datasheet
80Kb / 1P
   IEC Rectangular Distribution Units
PXD301 BULGIN-PXD301 Datasheet
1Mb / 6P
   IEC DISTRIBUTION UNITS
PXD500 BULGIN-PXD500 Datasheet
120Kb / 1P
   IEC Square Distribution Units
logo
PREMO CORPORATION S.L
P-1240-004 PREMO-P-1240-004 Datasheet
138Kb / 1P
   IEC & Wallplug Impedance Matching Units
logo
PANDUIT CORP.
P08D09M PANDUIT-P08D09M Datasheet
2Mb / 9P
   SmartZone??G5 Intelligent Power Distribution Units (iPDUs)
logo
Schurter Inc.
4748 SCHURTER-4748 Datasheet
261Kb / 2P
   Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
4748 SCHURTER-4748_21 Datasheet
297Kb / 3P
   Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
4748 SCHURTER-4748_V01 Datasheet
297Kb / 3P
   Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
5.01.2022
4748 SCHURTER-4748_18 Datasheet
287Kb / 3P
   Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
logo
NIHON DEMPA KOGYO
NX2016SA-25.000M-STD NDK-NX2016SA-25.000M-STD Datasheet
293Kb / 1P
   Crystal Units
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com