Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0911 Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # PX0911
Description  900 Series Buccaneer짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0911 Datasheet(HTML) 2 Page - Elektron Components Ltd.

  PX0911 Datasheet HTML 1Page - Elektron Components Ltd. PX0911 Datasheet HTML 2Page - Elektron Components Ltd. PX0911 Datasheet HTML 3Page - Elektron Components Ltd. PX0911 Datasheet HTML 4Page - Elektron Components Ltd. PX0911 Datasheet HTML 5Page - Elektron Components Ltd. PX0911 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.elektron-bulgin.com
21
21
BUCCANEER FOR POWER
900 Series Buccaneer®
PX0911
Mates with in-line flex or
panel mounting versions
Positive, fast acting locking
ring - can be turned with a
gloved hand
Plug or socket versions
PX0 Series13-15mm cable
dia. as standard, 7-13mm
with additional gland pack
PXA Series 20-22mm cable
dia. as standard, 14-20mm
with additional gland pack
Strain Relief Clamp
(PXA Series only)
Standard Cable
Large Cable
Description
Standard Cable
Large Cable
Description
PX0911/02/P
PXA911/02/P
2 pole Plug
PX0911/02/S
PXA911/02/S
2 pole Socket
PX0911/03/P
PXA911/03/P
3 pole Plug
PX0911/03/S
PXA911/03/S
3 pole Socket
PX0911/04/P
PXA911/04/P
4 pole Plug
PX0911/04/S
PXA911/04/S
4 pole Socket
PX0911/05/P
PXA911/05/P
5 pole Plug
PX0911/05/S
PXA911/05/S
5 pole Socket
PX0911/07/P
PXA911/07/P
7 pole Plug
PX0911/07/S
PXA911/07/S
7 pole Socket
PX0911/10/P
PXA911/10/P
10 pole Plug
PX0911/10/S
PXA911/10/S
10 pole Socket
Standard Cable
Large Cable
Description
Standard Cable
Large Cable
Description
PX0921/02/P
PXA921/02/P
2 pole Plug
PX0921/02/S
PXA921/02/S
2 pole Socket
PX0921/03/P
PXA921/03/P
3 pole Plug
PX0921/03/S
PXA921/03/S
3 pole Socket
PX0921/04/P
PXA921/04/P
4 pole Plug
PX0921/04/S
PXA921/04/S
4 pole Socket
PX0921/05/P
PXA921/05/P
5 pole Plug
PX0921/05/S
PXA921/05/S
5 pole Socket
PX0921/07/P
PXA921/07/P
7 pole Plug
PX0921/07/S
PXA921/07/S
7 pole Socket
PX0921/10/P
PXA921/10/P
10 pole Plug
PX0921/10/S
PXA921/10/S
10 pole Socket
PXA911
PX0921
PXA921
Mates with either PX0911 or
PXA911 connectors
Plug or socket versions
PX0 Series 13-15mm cable
dia. as standard, 7-13mm
with additional gland pack
PXA Series 20-22mm cable
dia. as standard, 14-20mm
with additional gland pack
Strain Relief Clamp
(PXA Series only)
FLEX CABLE CONNECTOR
IN-LINE FLEX CABLE CONNECTOR
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:32
Page 21


Similar Part No. - PX0911

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX091102P01 ETC2-PX091102P01 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
PX091102P02 ETC2-PX091102P02 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
PX091102P03 ETC2-PX091102P03 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
PX091102S01 ETC2-PX091102S01 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
PX091102S02 ETC2-PX091102S02 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
More results

Similar Description - PX0911

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
logo
List of Unclassifed Man...
SA3319 ETC2-SA3319 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
logo
Elektron Components Ltd...
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
   USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
logo
MKS Instruments.
PDR900 MKS-PDR900 Datasheet
258Kb / 4P
   Series 900 controller
logo
List of Unclassifed Man...
A11809-02 ETC-A11809-02 Datasheet
318Kb / 2P
   Tpcm 900 Series
logo
Adels-Contact
196423 ADELS-196423 Datasheet
114Kb / 1P
   ZEL 900
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com