Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0836 Datasheet(PDF) 6 Page - Elektron Components Ltd.

Part # PX0836
Description  Ethernet Buccaneer짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0836 Datasheet(HTML) 6 Page - Elektron Components Ltd.

  PX0836 Datasheet HTML 1Page - Elektron Components Ltd. PX0836 Datasheet HTML 2Page - Elektron Components Ltd. PX0836 Datasheet HTML 3Page - Elektron Components Ltd. PX0836 Datasheet HTML 4Page - Elektron Components Ltd. PX0836 Datasheet HTML 5Page - Elektron Components Ltd. PX0836 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.elektron-bulgin.com
51
Ethernet Buccaneer®
PX0777
IP68 Rating
For Sealed In-Line RJ45
Connections
Supplied Complete with
Coupler
Shielded (STP) & Unshielded
(UTP) versions
Cat5e Shielded Coupler also
available
Cable Range 3.5 - 8mm
(with glands supplied)
CABLE JOINER
Specification
PX0777/UTP
PX0777/STP
PX0777/CAT5ESTP
Rating:
1.5A, 30V a.c., 42V d.c.
1.5A, 30V a.c., 42V d.c.
1.5A, 30V a.c., 42V d.c.
No. of Conductors:
88
8
Coupler Type:
Unshielded
Shielded
Shielded CAT5e performance
Cable Range:
3.5 - 8mm
3.5 - 8mm
3.5 - 8mm
With glands supplied:
With glands supplied:
With glands supplied:
3.5 - 5mm (Blue)
3.5 - 5mm (Blue)
3.5 - 5mm (Blue)
5 - 7mm (Green)
5 - 7mm (Green)
5 - 7mm (Green)
6 - 8mm (Red)
6 - 8mm (Red)
6 - 8mm (Red)
Material:
Glass Filled Polyamide UL94V-0
Glass Filled Polyamide UL94V0
Glass Filled Polyamide UL94V-0
Sealing:
IP68 to BSEN 60529 : 1977
IP68 to BSEN 60529 : 1977
IP68 to BSEN 60529 : 1977
Operating Temp. Range:
–20ºC to +70ºC
–20ºC to +70ºC
–20ºC to +70ºC
Colour:
Black
Black
Black
Compliant
Compliant
Compliant
RoHS
BUCCANEER FOR DATA
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:38
Page 51


Similar Part No. - PX0836

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0835 BULGIN-PX0835 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
PX0835 BULGIN-PX0835 Datasheet
552Kb / 6P
   USB Buccaneer짰
More results

Similar Description - PX0836

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
logo
List of Unclassifed Man...
SA3319 ETC2-SA3319 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
logo
Elektron Components Ltd...
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
   USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
logo
Analog Devices
AD9574 AD-AD9574 Datasheet
873Kb / 35P
   Ethernet/Gigabit Ethernet Clock Generator
logo
Cirrus Logic
CS8920 CIRRUS-CS8920 Datasheet
1Mb / 66P
   Ethernet Controller
logo
Texas Instruments
TLK2201 TI-TLK2201 Datasheet
263Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com