Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX0385 Datasheet(PDF) 11 Page - Elektron Components Ltd.

Part # FX0385
Description  FUSEHOLDERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0385 Datasheet(HTML) 11 Page - Elektron Components Ltd.

Back Button FX0385 Datasheet HTML 7Page - Elektron Components Ltd. FX0385 Datasheet HTML 8Page - Elektron Components Ltd. FX0385 Datasheet HTML 9Page - Elektron Components Ltd. FX0385 Datasheet HTML 10Page - Elektron Components Ltd. FX0385 Datasheet HTML 11Page - Elektron Components Ltd. FX0385 Datasheet HTML 12Page - Elektron Components Ltd. FX0385 Datasheet HTML 13Page - Elektron Components Ltd. FX0385 Datasheet HTML 14Page - Elektron Components Ltd. FX0385 Datasheet HTML 15Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.elektron-bulgin.com
157
FUSEHOLDERS
FX0345
FX0365
Sealed to IP66
Protection Category PC1
Fuse Size 5 x 20mm
Screw Cap/Screwdriver
Release
6.3A, 250V
Sealed to IP66
Protection Category PC1
Fuse Size 5 x 20mm
Screw Cap/Hand Release
Large Cap for Easy Grip
6.3A, 250V
Specification
FX0345, FX0345/A
FX0365, FX0365/A
Fuse Size:
5 x 20mm
5 x 20mm
Fuse Carrier:
Screw cap/Screwdriver release
Screw cap/Hand release. Large ribbed
cap allows removal with gloved hand
Terminations:
Solder tags
Solder tags
Max. Rating:
6.3A, 250V
6.3A, 250V
Max. Power Dissipation:
4W (@ 23ºC)
4W (@ 23ºC)
Insulation Resistance:
>103M
Ω @ 500V d.c.
>103M
Ω @ 500V d.c.
A.C. Breakdown:
>3.5kV @ 50Hz
>3.5kV @ 50Hz
Contact Resistance:
<10m
<10m
Operating Temp:
–20˚C to +85˚C
–20˚C to +85˚C
(ambient air temp + fuse temp rise)
(ambient air temp + fuse temp rise)
Mouldings:
Body & Cap:
Glass Filled Nylon UL94V-0 rated
Glass Filled Nylon UL94V-0 rated
Spacer:
Glass Filled Nylon UL94HB rated
Glass Filled Nylon UL94HB rated
Insulating Sleeve:
Nylon UL94V-0 rated
Nylon UL94V-0 rated
Contacts:
Brass, Silver Plated
Brass, Silver Plated
Sealing:
Protection Classification IP66 to BS 60529:1992
Retains sealing integrity with cap removed since they are both panel and barrier sealed
Variants:
/A Silicone ‘O’ ring,
/A Silicone ‘O’ ring,
Op. Temp. –55˚C to +85˚C
Op. Temp. –55˚C to +85˚C
Compliant
Compliant
Panel Mounting Sealed to IP66, PC1
HIGH PROFILE PANEL MOUNT
HIGH PROFILE PANEL MOUNT
RoHS
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:02
Page 157


Similar Part No. - FX0385

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0385 BULGIN-FX0385 Datasheet
69Kb / 1P
   In-Line PC1 and In-Line Sealed to IP66, PC1
More results

Similar Description - FX0385

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
   FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
   Fuseholders
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
   Fuseholders
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
   FUSEHOLDERS
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
   Fuseholders
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
   Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
   Fuseholders
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com