Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX0331 Datasheet(PDF) 5 Page - Elektron Components Ltd.

Part # FX0331
Description  FUSEHOLDERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0331 Datasheet(HTML) 5 Page - Elektron Components Ltd.

  FX0331 Datasheet HTML 1Page - Elektron Components Ltd. FX0331 Datasheet HTML 2Page - Elektron Components Ltd. FX0331 Datasheet HTML 3Page - Elektron Components Ltd. FX0331 Datasheet HTML 4Page - Elektron Components Ltd. FX0331 Datasheet HTML 5Page - Elektron Components Ltd. FX0331 Datasheet HTML 6Page - Elektron Components Ltd. FX0331 Datasheet HTML 7Page - Elektron Components Ltd. FX0331 Datasheet HTML 8Page - Elektron Components Ltd. FX0331 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.elektron-bulgin.com
151
FUSEHOLDERS
FX0454/S, FX0455/S
FX0454, FX0455
FX0458
Protection Category PC2
Fuse Size 5 x 20mm
Screw Cap/Screwdriver Release
Keyway Panel Cutout (FX0454)
D Panel Cutout (FX0455)
10A, 250V (16A, 250V UL)
Protection Category PC2
Fuse Size 5 x 20mm
Screw Cap/Screwdriver Release
High Profile Bezel
Keyway Panel Cutout
(FX0454/S)
D Panel Cutout (FX0455/S)
10A, 250V (16A, 250V UL)
Protection Category PC2
Fuse Size 5 x 20mm
Panel Sizes 1.0 & 1.5 and
2.0 & 3.0mm
Screw Cap/Screwdriver
Release
10A, 250V (16A, 250V UL)
Specification
FX0454, FX0455
FX0454/S, FX0455/S
FX0458/Panel
Fuse Size:
5 x 20mm
5 x 20mm
5 x 20mm
Panel Size:
-
-
/1 (1.0-1.5mm panel, black sleeve)
/2 (2.0-3.0mm panel, grey sleeve)
Fuse Carrier:
Screw cap/Screwdriver release
Screw cap/Screwdriver release
Screw cap/Screwdriver release
Terminations:
Solder tags
Solder tags
Solder tags
Max. Rating:
10A, 250V (16A, 250V a.c. UL)
10A, 250V (16A, 250V a.c. UL)
10A, 250V (16A, 250V a.c. UL)
Max. Power Dissipation:
2.5W (@ 23ºC)
2.5W (@ 23ºC)
2.5W (@ 23ºC)
Insulation Resistance:
>102M
Ω @ 500V d.c.
>102M
Ω @ 500V d.c.
>102M
Ω @ 500V d.c.
A.C. Breakdown:
7kV @ 50Hz
7kV @ 50Hz
>7kV @ 50Hz
Contact Resistance:
<10m
<10m
<10m
Operating Temp:
–20˚C to +85˚C
–20˚C to +85˚C
–20˚C to +85˚C
(ambient air temp + fuse temp rise)
(ambient air temp + fuse temp rise)
(ambient air temp + fuse temp rise)
Mouldings:
Body:
Polyester UL94V-0 rated
Polyester UL94V-0 rated
Polyester UL94V-0 rated
Cap:
Nylon UL94V-0 rated
Nylon UL94V-0 rated
Nylon UL94V-0 rated
Nut:
Glass Filled Nylon UL94V-0 rated
Glass Filled Nylon UL94V-0 rated
Contacts:
Brass, Silver Plated
Brass, Silver Plated
Brass, Silver Plated
Approvals:
Accessories:
P.Nos. 11327, 12297 & 12298
P.Nos. 11327, 12297 & 12298
P.No. 11327
(See page 163)
(See page 163)
(See page 163)
Compliant
Compliant
Compliant
Panel Mounting and Snap Fit Touchproof, PC2
PANEL MOUNT
PANEL MOUNT
SNAP FIT TO PANEL
RoHS
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:02
Page 151


Similar Part No. - FX0331

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0331 BULGIN-FX0331 Datasheet
79Kb / 1P
   Base Mounting, PC1
More results

Similar Description - FX0331

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
   FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
   Fuseholders
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
   Fuseholders
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
   FUSEHOLDERS
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
   Fuseholders
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
   Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
   Fuseholders
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com