Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBTA70 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SMBTA70
Description  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBTA70 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SMBTA70 Datasheet HTML 1Page - Siemens Semiconductor Group SMBTA70 Datasheet HTML 2Page - Siemens Semiconductor Group SMBTA70 Datasheet HTML 3Page - Siemens Semiconductor Group SMBTA70 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
SMBTA 70
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
V
Collector-emitter breakdown voltage
IC = 1 mA
V(BR)CE0
40
Emitter-base breakdown voltage
IE = 100
µA
V(BR)EB0
4––
nA
µA
Collector-base cutoff current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = 150 ˚C
ICB0
100
20
DC current gain
IC = 5 mA, VCE = 10 V
hFE
40
400
V
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 1 mA
VCEsat
0.25
nA
Emitter-base cutoff current
VEB = 4 V, IC = 0
IEB0
––20
MHz
Transition frequency
IC = 5 mA, VCE = 10 V, f = 100 MHz
fT
125
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
––4
AC characteristics
1)
Pulse test conditions:
t
≤ 300 µs, D ≤ 2 %.


Similar Part No. - SMBTA70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA05 SIEMENS-SMBTA05 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors
SMBTA06 SIEMENS-SMBTA06 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
SMBTA06 INFINEON-SMBTA06 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBTA06 INFINEON-SMBTA06 Datasheet
535Kb / 7P
   NPN Silicon AF Transistor
2011-12-19
More results

Similar Description - SMBTA70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com