Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP0050 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # MP0050
Description  Stainless Steel Large Diameter Vandal Resistant - Momentary
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0050 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  MP0050 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
183
MP0050
MP0050/2
Specification
MP0050
MP0050/2
Terminations:
Solder Tags
Solder Tags
Switching:
S.P.C.O. Momentary Action
S.P.C.O. Momentary Action
(Microswitch)
(Microswitch)
Max. Rating:
5A, 250Vac.
5A, 250Vac
2A, 28Vdc
2A, 28Vdc
Contact Resistance:
10m
10m
Insulation Resistance:
>103 M
>103 M
Dielectric Strength:
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
Sealing (Front of panel only): Protection Classification: IP68 EN60529
Protection Classification: IP68 EN60529
1992 (Micro switch not sealed)
1992 (Micro switch not sealed)
Operations
Mechanical:
1,000,000 (min)
1,000,000 (min)
Electrical:
35,000 (min)
35,000 (min)
Operating pressure:
4.7Nm
4.7Nm
Rear Nut Fixing Torque:
0.57Nm
0.57Nm
Materials
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Tags/Terminations:
Brass, Tin Plated
Brass, Tin Plated
Switch Body & Button:
Stainless Steel
Stainless Steel
Contacts:
Fine Silver
Fine Silver
Thread size:
M27 x 1.0-6H
M27 x 1.0-6H
Compliant
Compliant
Front Panel Sealed to IP68
Flush button
32.0mm diameter
S.P.C.O. switching
Momentary action
5A, 250Vac
Front Panel Sealed to IP68
Protruding button
32.0mm diameter
S.P.C.O. switching
Momentary action
5A, 250Vac
Stainless Steel Large Diameter Vandal Resistant - Momentary
FRONT PANEL MOUNTING - LOW PROFILE
FRONT PANEL MOUNTING - PROTRUDING PROFILE
RoHS
SWITCHES
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 183


Similar Part No. - MP0050

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0050 BULGIN-MP0050 Datasheet
1Mb / 24P
   Switches
MP0050/2 BULGIN-MP0050/2 Datasheet
1Mb / 24P
   Switches
More results

Similar Description - MP0050

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0037 BULGIN-MP0037 Datasheet
92Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Momentary
MP0027 BULGIN-MP0027 Datasheet
98Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Momentary
MPD031 BULGIN-MPD031 Datasheet
64Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Momentary - Double Pole
MPI001 BULGIN-MPI001 Datasheet
77Kb / 1P
   Stainless Steel Illuminated Vandal Resistant
MPI002 BULGIN-MPI002 Datasheet
75Kb / 1P
   Stainless Steel Illuminated Vandal Resistant
MPL031 BULGIN-MPL031 Datasheet
76Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Latching
MPL027 BULGIN-MPL027 Datasheet
99Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Latching
MP0042 BULGIN-MP0042 Datasheet
92Kb / 1P
   Stainless Steel - Momentary
MP0045 BULGIN-MP0045 Datasheet
92Kb / 1P
   Stainless Steel - Momentary
logo
E-SWITCH
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
   VANDAL RESISTANT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com