Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP0025 Datasheet(PDF) 8 Page - Elektron Components Ltd.

Part # MP0025
Description  Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0025 Datasheet(HTML) 8 Page - Elektron Components Ltd.

Back Button MP0025 Datasheet HTML 4Page - Elektron Components Ltd. MP0025 Datasheet HTML 5Page - Elektron Components Ltd. MP0025 Datasheet HTML 6Page - Elektron Components Ltd. MP0025 Datasheet HTML 7Page - Elektron Components Ltd. MP0025 Datasheet HTML 8Page - Elektron Components Ltd. MP0025 Datasheet HTML 9Page - Elektron Components Ltd. MP0025 Datasheet HTML 10Page - Elektron Components Ltd. MP0025 Datasheet HTML 11Page - Elektron Components Ltd. MP0025 Datasheet HTML 12Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.elektron-bulgin.com
180
SWITCHES
Stainless Steel Illuminated Vandal Resistant
MPI002- front panel seal to IP66
Specification
MPI002/Termination/Colour/Voltage
Illumination style:
Ring
Terminations:
/28 (2.8mm tabs),
/TERM or /TE (screw terminals)
Switching:
Single pole, push to make, tactile (momentary action)
Max. Switch Rating:
50mA, 24Vdc
LEDs (ratings @ 20mA)
Part No.
/RD
/GN
/AM
/BL
/WH
/D1
/D4
/D5
Colours
Red
Green
Amber
Blue
White
Red/Green
Red/Blue
Green/Blue
Luminous Intensity
900mcd
2500mcd 900mcd
1500mcd
900mcd
2500mcd/5000mcd
2000mcd/850mcd
4000mcd/2000mcd
Forward Voltage
1.85V
3.5V
2.3V
3.5V
3.6V
2.05V/3.6V
2.0V/3.6V
3.6V/3.6V
Forward Current
20mA
20mA
20mA
20mA
20mA
20mA
20mA
20mA
Moulding Colour
Red
Green
Amber
Blue
White
Black
Black
Black
Illumination Voltage:
/no suffix
No resistor fitted. An appropriate resistor must be series connected by the user. Voltages as above.
/6
6Vdc
/12
12Vdc
/24
24Vdc
Contact Resistance:
<100m
Insulation Resistance:
>103 M
Dielectric Strength:
Contact to Panel >2.0kV
Contact to Contact 1500V
Operating Temp. Range:
–30˚C to +70˚C
Sealing (Front of panel only): Protection Classification: IP66 EN60529 1992
Operations
Mechanical:
750,000 (min)
Electrical:
35,000 (min)
Operating Pressure:
12N
Rear Nut Fixing Torque:
0.57Nm
Materials
Switch assembly:
UL94V-0 rated Polyamide (Nylon)
Tags:
Copper Alloy
Terminals:
Copper Alloy
Switch Body & Button:
Stainless Steel
Lens and Lens Body:
Polycarbonate
O ring:
Nitrile
Internal seal:
Silicone
Contact Plate:
Gold Plated
Thread size:
18.97mm x 26TPI
ESD Handling precautions must be taken
Compliant
Ring illumination
22mm diameter
Single pole push to make
50mA, 24Vdc contact rating
Red, Green, Amber, Blue, White or
dual colour illumination
Bright daylight LEDs
Independent LED terminals
Front panel seal to IP66
Integral supply resistors
TVS protection
FRONT PANEL MOUNTING
LED terminals marked + and –
Switch terminals unmarked
+
Dual Colour LED Configuration
/D1
/D4
/D5
Red
Green
+
Red
Blue
+
Blue
Green
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 180


Similar Part No. - MP0025

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0025 BULGIN-MP0025 Datasheet
98Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Momentary
More results

Similar Description - MP0025

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
   Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
Honeywell Solid State E...
AML53-T20BB HONEYWELL-AML53-T20BB Datasheet
553Kb / 4P
   Manual Switches Covers for Paddle Switches
logo
List of Unclassifed Man...
KM211 ETC-KM211 Datasheet
48Kb / 2P
   Threshold switches
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
   ROCKER SWITCHES
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
SHIELD s.r.l.
FSV SHIELD-FSV Datasheet
266Kb / 2P
   MAGNETIC SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com