Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX0369 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # FX0369
Description  Panel Mounting and Snap Fit Touchproof, PC2
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0369 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  FX0369 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
150
FUSEHOLDERS
FX0357
FX0359
FX0367
FX0369
Protection Category PC2
Fuse Size 5 x 20mm
Bayonet Cap/Screwdriver
Release
10A, 250V (16A, 250V UL)
Protection Category PC2
Fuse Size 5 x 20mm
Panel Sizes 1.0 & 1.5 and
2.0 & 3.0mm
Bayonet Cap/Screwdriver
Release
10A, 250V (16A, 250V UL)
Specification
FX0357, FX0359
FX0367/Panel, FX0369/Panel
Fuse Size:
5 x 20mm
5 x 20mm
Panel Size:
-
/1 (1.0-1.5mm panel, black sleeve)
/2 (2.0-3.0mm panel, grey sleeve)
Fuse Carrier:
Bayonet cap/Screwdriver release
Bayonet cap/Screwdriver release
Terminations:
Solder tags
Solder tags
Max. Rating:
10A, 250V (16A, 250V a.c. UL)
10A, 250V (16A, 250V a.c. UL)
Max. Power Dissipation:
2.5W (@ 23ºC)
2.5W (@ 23ºC)
Insulation Resistance:
>102M
Ω @ 500V d.c.
>102M
Ω @ 500V d.c.
A.C. Breakdown:
7kV @ 50Hz
7kV @ 50Hz
Contact Resistance:
<10m
<10m
Operating Temp:
–20˚C to +85˚C
–20˚C to +85˚C
(ambient air temp + fuse temp rise)
(ambient air temp + fuse temp rise)
Mouldings:
Body:
Polyester UL94V-0 rated
Polyester UL94V-0 rated
Cap:
Nylon UL94V-0 rated
Nylon UL94V-0 rated
Nut:
Glass Filled Nylon UL94V-0 rated
Contacts:
Brass, Silver Plated
Brass, Silver Plated
Approvals:
Accessories:
P.No. 11327 (See page 163)
P.No. 11327 (See page 163)
Compliant
Compliant
Panel Mounting and Snap Fit Touchproof, PC2
PANEL MOUNT
SNAP FIT TO PANEL
RoHS
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:02
Page 150


Similar Part No. - FX0369

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0369/1 BULGIN-FX0369/1 Datasheet
1Mb / 18P
   FUSEHOLDERS
FX0369/2 BULGIN-FX0369/2 Datasheet
1Mb / 18P
   FUSEHOLDERS
More results

Similar Description - FX0369

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0417 BULGIN-FX0417 Datasheet
78Kb / 1P
   Panel Mounting and Snap Fit Touchproof, PC2
FX0454 BULGIN-FX0454 Datasheet
114Kb / 1P
   Panel Mounting and Snap Fit Touchproof, PC2
FX0415 BULGIN-FX0415 Datasheet
80Kb / 1P
   Panel Mounting Touchproof, PC2
FX0419 BULGIN-FX0419 Datasheet
99Kb / 1P
   Panel Mounting Touchproof, Sealed to IP68, PC2
FX0354 BULGIN-FX0354 Datasheet
69Kb / 1P
   Panel Mounting, PC2
FX0460 BULGIN-FX0460 Datasheet
108Kb / 1P
   Panel/PC Mounting Captive Carriers Touchproof, PC3
FX0442 BULGIN-FX0442 Datasheet
76Kb / 1P
   PC Mounting PC2
FX0461 BULGIN-FX0461 Datasheet
110Kb / 1P
   PC Mounting PC1, PC2 and PC3
logo
C&K Components
V701 CK-COMPONENTS-V701 Datasheet
279Kb / 4P
   Snap-in panel and PC mounting
logo
Molex Electronics Ltd.
43130-0001 MOLEX11-43130-0001 Datasheet
41Kb / 1P
   Panel mounting ears for Mini-Fit TPA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com