Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX1116 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # DX1116
Description  4mm LED Indicators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

DX1116 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  DX1116 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DX1118
DX1116
Chrome Plated Brass Bezel
Prominent or Recessed Style
Choice of LED Types and
Colours
Specification
DX1116, DX1118/Colour
DX1117, DX1119/Colour
Bezel Materials:
Brass, Chrome Plated
Aluminium, Black Anodised
Style:
Recessed (DX1116)
Recessed (DX1117)
Prominent (DX1118)
Prominent (DX1119)
Operating Temp. Range:
Dependent on LED used
Dependent on LED used
Storage Temperature:
Dependent on LED used
Dependent on LED used
Lead Solder Time:
260ºC for 5 seconds max.
260ºC for 5 seconds max.
LED Colours:
/RD (Red), /GN (Green), /YL (Yellow),
/RD (Red), /GN (Green), /YL (Yellow),
/BL (Blue)
/BL (Blue)
Compliant
Compliant
See Page 172 for LED specifications
4mm LED Indicators
CHROME PLATED BRASS BEZEL
Aluminium, Black Anodised
Bezel
Prominent or Recessed Style
Choice of LED Types and
Colours
BLACK NICKEL PLATED BRASS BEZEL
www.elektron-bulgin.com
170
INDICATORS
DX1119
DX1117
RoHS
IndicatorsSection - 2010:IndicatorsSection - 2010
9/6/10
08:58
Page 170


Similar Part No. - DX1116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
Elektron Components Ltd...
DX1120 BULGIN-DX1120 Datasheet
68Kb / 1P
   5mm LED Indicators
DX1121 BULGIN-DX1121 Datasheet
68Kb / 1P
   5mm LED Indicators
More results

Similar Description - DX1116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
logo
NTE Electronics
NTE3012 NTE-NTE3012 Datasheet
80Kb / 2P
   Discrete LED Indicators
NTE3007 NTE-NTE3007 Datasheet
22Kb / 3P
   Discrete LED Indicators
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com