Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3P191 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NX3P191
Description  Logic controlled high-side power switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3P191 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NX3P191 Datasheet HTML 5Page - NXP Semiconductors NX3P191 Datasheet HTML 6Page - NXP Semiconductors NX3P191 Datasheet HTML 7Page - NXP Semiconductors NX3P191 Datasheet HTML 8Page - NXP Semiconductors NX3P191 Datasheet HTML 9Page - NXP Semiconductors NX3P191 Datasheet HTML 10Page - NXP Semiconductors NX3P191 Datasheet HTML 11Page - NXP Semiconductors NX3P191 Datasheet HTML 12Page - NXP Semiconductors NX3P191 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NX3P191
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 4 November 2011
9 of 15
NXP Semiconductors
NX3P191
Logic controlled high-side power switch
Test data is given in Table 12.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
VEXT = External voltage for measuring switching times.
Fig 13. Test circuit for measuring switching times
001aao354
EN
VOUT
VIN
VI
ILOAD
VEXT
G
CL
Table 12.
Test data
Supply voltage
Input
Load
VEXT
VI(EN)
CL
ILOAD
1.1 V to 3.6 V
1.5 V
1
F
200 mA
VI(VIN) = 1.8 V; VI(EN) = 1.8 V; CL = 1 F; ILOAD = 200 mA.
VI(VIN) = 3.6 V; VI(EN) = 1.8 V; CL = 1.0 F;
ILOAD =200 mA.
Fig 14. Waveform showing the enable time versus
inrush current
Fig 15. Waveform showing the enable time versus
inrush current
aaa-000038
aaa-000039


Similar Part No. - NX3P191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
More results

Similar Description - NX3P191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
   Logic controlled high-side power switch
Rev. 1-7 July 2015
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
   Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
   Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
   Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
NX3P2902B PHILIPS-NX3P2902B_15 Datasheet
417Kb / 15P
   Logic controlled high-side power switch
Rev. 1-29 April 2013
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
   Logic controlled high-side power switch
Rev. 1.1-15 January 2015
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
   Logic controlled high-side power switch
Rev. 2.1-15 January 2015
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX3P2902B NXP-NX3P2902B Datasheet
460Kb / 15P
   Logic controlled high-side power switch
Rev.2-22 February2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com