Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3P191 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX3P191
Description  Logic controlled high-side power switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3P191 Datasheet(HTML) 2 Page - NXP Semiconductors

  NX3P191 Datasheet HTML 1Page - NXP Semiconductors NX3P191 Datasheet HTML 2Page - NXP Semiconductors NX3P191 Datasheet HTML 3Page - NXP Semiconductors NX3P191 Datasheet HTML 4Page - NXP Semiconductors NX3P191 Datasheet HTML 5Page - NXP Semiconductors NX3P191 Datasheet HTML 6Page - NXP Semiconductors NX3P191 Datasheet HTML 7Page - NXP Semiconductors NX3P191 Datasheet HTML 8Page - NXP Semiconductors NX3P191 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NX3P191
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 4 November 2011
2 of 15
NXP Semiconductors
NX3P191
Logic controlled high-side power switch
4.
Ordering information
5.
Marking
6.
Functional diagram
7.
Pinning information
7.1 Pinning
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NX3P191UK
40 C to +85 C
WLCSP4
wafer level chip-size package; 4 bumps; body
0.76
 0.76  0.51 mm. (Backside Coating
included)
NX3P190/NX3P191
Table 2.
Marking codes
Type number
Marking code
NX3P191UK
x1
Fig 1.
Logic symbol
Fig 2.
Logic diagram (simplified schematic)
001aao342
EN
VIN
VOUT
aaa-000036
LEVEL SHIFT,
SLEW RATE CONTROL
AND LOAD DISCHARGE
EN
Rpd
Rdch
VIN
VOUT
Fig 3.
Pin configuration for WLCSP4
Fig 4.
Ball mapping for WLCSP4
bump A1
index area
12
A
B
aaa-000037
Transparent top view
NX3P191
12
VIN
VOUT
EN
GND
A
B
001aao345
Transparent top view


Similar Part No. - NX3P191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
More results

Similar Description - NX3P191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
   Logic controlled high-side power switch
Rev. 1-7 July 2015
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
   Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
   Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
   Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
NX3P2902B PHILIPS-NX3P2902B_15 Datasheet
417Kb / 15P
   Logic controlled high-side power switch
Rev. 1-29 April 2013
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
   Logic controlled high-side power switch
Rev. 1.1-15 January 2015
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
   Logic controlled high-side power switch
Rev. 2.1-15 January 2015
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX3P2902B NXP-NX3P2902B Datasheet
460Kb / 15P
   Logic controlled high-side power switch
Rev.2-22 February2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com